Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 56Page - STMicroelectronics LSM6DSV80X Datasheet HTML 57Page - STMicroelectronics LSM6DSV80X Datasheet HTML 58Page - STMicroelectronics LSM6DSV80X Datasheet HTML 59Page - STMicroelectronics LSM6DSV80X Datasheet HTML 60Page - STMicroelectronics LSM6DSV80X Datasheet HTML 61Page - STMicroelectronics LSM6DSV80X Datasheet HTML 62Page - STMicroelectronics LSM6DSV80X Datasheet HTML 63Page - STMicroelectronics LSM6DSV80X Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 181 page
background image
9.18
CTRL5 (14h)
Control register 5 (R/W)
Table 59. CTRL5 register
0(1)
0(1)
0(1)
0(1)
0(1)
BUS_ACT_
SEL_1
BUS_ACT_
SEL_0
INT_EN_I3C
1. This bit must be set to 0 for the correct operation of the device.
Table 60. CTRL5 register description
BUS_ACT_SEL_[1:0]
Bus available time selection for IBI (in-band interrupt):
00: 50 µs (default);
01: 2 µs;
10: 1 ms;
11: 50 ms)
INT_EN_I3C
Enables the INT pin when I3C is enabled. Default value: 0
(0: disabled; 1: enabled)
9.19
CTRL6 (15h)
Control register 6 (R/W)
Table 61. CTRL6 register
0(1)
LPF1_G_
BW_2
LPF1_G_
BW_1
LPF1_G_
BW_0
1(2)
FS_G_2
FS_G_1
FS_G_0
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 62. CTRL6 register description
LPF1_G_BW_[2:0]
Gyroscope low-pass filter (LPF1) bandwidth selection
Table 63 shows the selectable bandwidth values.
FS_G_[2:0](1)
Gyroscope UI chain full-scale selection:
(000: reserved (default);
001: ±250 dps;
010: ±500 dps;
011: ±1000 dps;
100: ±2000 dps;
101: ±4000 dps)
1. The default configuration of FS_G_[2:0] is 000 (reserved). For the correct operation of the device, the user must set a
configuration from 001 to 101 when the gyroscope is in power-down mode.
LSM6DSV80X
Register description
DS14764 - Rev 1
page 60/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com