Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 80 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 80 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 76Page - STMicroelectronics LSM6DSV80X Datasheet HTML 77Page - STMicroelectronics LSM6DSV80X Datasheet HTML 78Page - STMicroelectronics LSM6DSV80X Datasheet HTML 79Page - STMicroelectronics LSM6DSV80X Datasheet HTML 80Page - STMicroelectronics LSM6DSV80X Datasheet HTML 81Page - STMicroelectronics LSM6DSV80X Datasheet HTML 82Page - STMicroelectronics LSM6DSV80X Datasheet HTML 83Page - STMicroelectronics LSM6DSV80X Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 181 page
background image
9.47
MLC_STATUS_MAINPAGE (4Bh)
Machine learning core status register (R)
Table 129. MLC_STATUS _MAINPAGE register
IS_MLC8
IS_MLC7
IS_MLC6
IS_MLC5
IS_MLC4
IS_MLC3
IS_MLC2
IS_MLC1
Table 130. MLC_STATUS_MAINPAGE register description
IS_MLC8
Interrupt status bit for MLC8 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC7
Interrupt status bit for MLC7 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC6
Interrupt status bit for MLC6 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC5
Interrupt status bit for MLC5 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC4
Interrupt status bit for MLC4 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC3
Interrupt status bit for MLC3 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC2
Interrupt status bit for MLC2 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_MLC1
Interrupt status bit for MLC1 interrupt event. (1: interrupt detected; 0: no interrupt)
9.48
HG_WAKE_UP_SRC (4Ch)
High-g wake-up source register (R)
Table 131. HG_WAKE_UP_SRC register
-
HG_SHOCK_
CHANGE_IA
HG_SHOCK_
STATE
HG_WU_
CHANGE_IA
HG_WU_IA
HG_X_WU
HG_Y_WU
HG_Z_WU
Table 132. HG_WAKE_UP_SRC register description
HG_SHOCK_CHANGE_IA
High-g shock state change event detected. Default value: 0
(0: shock state change event not detected; 1: shock state change event detected)
HG_SHOCK_STATE
High-g shock function is in shock state. Default value: 0
(0: high-g shock function not in shock state; 1: high-g shock function in shock state)
HG_WU_CHANGE_IA
High-g wake-up change event detection status (high-g data passes from all axes under the
threshold to at least one axis over the threshold, or vice versa). Default value: 0
(0: wake-up change event not detected; 1: wake-up change event detected)
HG_WU_IA
High-g wake-up event detection status (one axis exceeds threshold). Default value: 0
(0: wake-up event not detected; 1: wake-up event detected)
HG_X_WU
High-g wake-up event detection status on the X-axis. Default value: 0
(0: wake-up event on the X-axis not detected; 1: wake-up event on the X-axis detected)
HG_Y_WU
High-g wake-up event detection status on the Y-axis. Default value: 0
(0: wake-up event on the Y-axis not detected; 1: wake-up event on the Y-axis detected)
HG_Z_WU
High-g wake-up event detection status on the Z-axis. Default value: 0
(0: wake-up event on the Z-axis not detected; 1: wake-up event on the Z-axis detected)
LSM6DSV80X
Register description
DS14764 - Rev 1
page 80/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com