Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 99 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 99 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 95Page - STMicroelectronics LSM6DSV80X Datasheet HTML 96Page - STMicroelectronics LSM6DSV80X Datasheet HTML 97Page - STMicroelectronics LSM6DSV80X Datasheet HTML 98Page - STMicroelectronics LSM6DSV80X Datasheet HTML 99Page - STMicroelectronics LSM6DSV80X Datasheet HTML 100Page - STMicroelectronics LSM6DSV80X Datasheet HTML 101Page - STMicroelectronics LSM6DSV80X Datasheet HTML 102Page - STMicroelectronics LSM6DSV80X Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 181 page
background image
10
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions available in the device and the
corresponding addresses. Embedded functions registers are accessible when EMB_FUNC_REG_ACCESS is set
to 1 in FUNC_CFG_ACCESS (01h).
Table 200. Register address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
PAGE_SEL
R/W
02
00000010
00000001
EMB_FUNC_EN_A
R/W
04
00000100
00000000
EMB_FUNC_EN_B
R/W
05
00000101
00000000
EMB_FUNC_EXEC_STATUS
R
07
00000111
output
PAGE_ADDRESS
R/W
08
00001000
00000000
PAGE_VALUE
R/W
09
00001001
00000000
EMB_FUNC_INT1
R/W
0A
00001010
00000000
FSM_INT1
R/W
0B
00001011
00000000
RESERVED
-
0C
MLC_INT1
R/W
0D
00001101
00000000
EMB_FUNC_INT2
R/W
0E
00001110
00000000
FSM_INT2
R/W
0F
00001111
00000000
RESERVED
-
10
MLC_INT2
R/W
11
00010001
00000000
EMB_FUNC_STATUS
R
12
00010010
output
FSM_STATUS
R
13
00010011
output
RESERVED
-
14
MLC_STATUS
R
15
00010101
output
PAGE_RW
R/W
17
00010111
00000000
SFLP_GBIASX_L
R
18
00011000
output
SFLP_GBIASX_H
R
19
00011001
output
SFLP_GBIASY_L
R
1A
00011010
output
SFLP_GBIASY_H
R
1B
00011011
output
SFLP_GBIASZ_L
R
1C
00011100
output
SFLP_GBIASZ_H
R
1D
00011101
output
SFLP_GRAVX_L
R
1E
00011110
output
SFLP_GRAVX_H
R
1F
00011111
output
SFLP_GRAVY_L
R
20
00100000
output
SFLP_GRAVY_H
R
21
00100001
output
SFLP_GRAVZ_L
R
22
00100010
output
SFLP_GRAVZ_H
R
23
00100011
output
SFLP_QUATW_L
R
2A
00101010
output
SFLP_QUATW_H
R
2B
00101011
output
SFLP_QUATX_L
R
2C
00101100
output
LSM6DSV80X
Embedded functions register mapping
DS14764 - Rev 1
page 99/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com