Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 114 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 114 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 110Page - STMicroelectronics LSM6DSV80X Datasheet HTML 111Page - STMicroelectronics LSM6DSV80X Datasheet HTML 112Page - STMicroelectronics LSM6DSV80X Datasheet HTML 113Page - STMicroelectronics LSM6DSV80X Datasheet HTML 114Page - STMicroelectronics LSM6DSV80X Datasheet HTML 115Page - STMicroelectronics LSM6DSV80X Datasheet HTML 116Page - STMicroelectronics LSM6DSV80X Datasheet HTML 117Page - STMicroelectronics LSM6DSV80X Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 181 page
background image
11.26
SFLP_QUATZ_L (30h) and SFLP_QUATZ_H (31h)
SFLP game rotation vector Z value output register (R). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 251. SFLP_QUATZ_H and SFLP_QUATZ_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 252. SFLP_QUATZ_H and SFLP_QUATZ_L register description
D[15:0]
SFLP game rotation vector Z value output value
11.27
SFLP_GBIASX_INIT_L (32h) and SFLP_GBIASX_INIT_H (33h)
SFLP gyroscope bias X-axis initialization register (R/W). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 253. SFLP_GBIASX_INIT_H and SFLP_GBIASX_INIT_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 254. SFLP_GBIASX_INIT_H and SFLP_GBIASX_INIT_L register description
D[15:0]
SFLP gyroscope bias X-axis initial value
11.28
SFLP_GBIASY_INIT_L (34h) and SFLP_GBIASY_INIT_H (35h)
SFLP gyroscope bias Y-axis initialization register (R/W). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 255. SFLP_GBIASY_INIT_H and SFLP_GBIASY_INIT_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 256. SFLP_GBIASY_INIT_H and SFLP_GBIASY_INIT_L register description
D[15:0]
SFLP gyroscope bias Y-axis initial value
LSM6DSV80X
Embedded functions register description
DS14764 - Rev 1
page 114/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com