Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 124 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 124 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 120Page - STMicroelectronics LSM6DSV80X Datasheet HTML 121Page - STMicroelectronics LSM6DSV80X Datasheet HTML 122Page - STMicroelectronics LSM6DSV80X Datasheet HTML 123Page - STMicroelectronics LSM6DSV80X Datasheet HTML 124Page - STMicroelectronics LSM6DSV80X Datasheet HTML 125Page - STMicroelectronics LSM6DSV80X Datasheet HTML 126Page - STMicroelectronics LSM6DSV80X Datasheet HTML 127Page - STMicroelectronics LSM6DSV80X Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 181 page
background image
11.45
MLC_ODR (60h)
Machine learning core output data rate configuration register (R/W)
Table 291. MLC_ODR register
0(1)
MLC_ODR_2 MLC_ODR_1 MLC_ODR_0
0(1)
1(2)
0(1)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 292. MLC_ODR register description
MLC_ODR_[2:0]
Machine learning core ODR configuration:
(000: 15 Hz;
001: 30 Hz (default);
010: 60 Hz;
011: 120 Hz;
100: 240 Hz;
101: 480 Hz;
110: 960 Hz)
11.46
STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h)
Step counter output register (R)
Table 293. STEP_COUNTER_L register
STEP_7
STEP_6
STEP_5
STEP_4
STEP_3
STEP_2
STEP_1
STEP_0
Table 294. STEP_COUNTER_L register description
STEP_[7:0]
Step counter output (LSbyte)
Table 295. STEP_COUNTER_H register
STEP_15
STEP_14
STEP_13
STEP_12
STEP_11
STEP_10
STEP_9
STEP_8
Table 296. STEP_COUNTER_H register description
STEP_[15:8]
Step counter output (MSbyte)
LSM6DSV80X
Embedded functions register description
DS14764 - Rev 1
page 124/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com