Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 141 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 141 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 137Page - STMicroelectronics LSM6DSV80X Datasheet HTML 138Page - STMicroelectronics LSM6DSV80X Datasheet HTML 139Page - STMicroelectronics LSM6DSV80X Datasheet HTML 140Page - STMicroelectronics LSM6DSV80X Datasheet HTML 141Page - STMicroelectronics LSM6DSV80X Datasheet HTML 142Page - STMicroelectronics LSM6DSV80X Datasheet HTML 143Page - STMicroelectronics LSM6DSV80X Datasheet HTML 144Page - STMicroelectronics LSM6DSV80X Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 181 page
background image
13.2.5
PEDO_CMD_REG (83h)
Pedometer configuration register (R/W)
Table 382. PEDO_CMD_REG register
0(1)
0(1)
0(1)
0(1)
CARRY_
COUNT_EN
FP_
REJECTION_EN
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 383. PEDO_CMD_REG register description
CARRY_COUNT_EN
Set when user wants to generate interrupt only on count overflow event.
FP_REJECTION_EN(1)
Enables the false-positive rejection feature
1. This bit is activated if the MLC_EN bit of EMB_FUNC_EN_B (05h) or the MLC_BEFORE_FSM_EN bit in the
EMB_FUNC_EN_A (04h) register is set to 1.
13.2.6
PEDO_DEB_STEPS_CONF (84h)
Pedometer debounce configuration register (R/W)
Table 384. PEDO_DEB_STEPS_CONF register
DEB_
STEP7
DEB_
STEP6
DEB_
STEP5
DEB_
STEP4
DEB_
STEP3
DEB_
STEP2
DEB_
STEP1
DEB_
STEP0
Table 385. PEDO_DEB_STEPS_CONF register description
DEB_STEP[7:0]
Debounce threshold. Minimum number of steps to increment the step counter (debounce).
Default value: 00001010
13.2.7
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h)
Time period register for step detection on delta time (R/W)
Table 386. PEDO_SC_DELTAT_L register
PD_SC_7
PD_SC_6
PD_SC_5
PD_SC_4
PD_SC_3
PD_SC_2
PD_SC_1
PD_SC_0
Table 387. PEDO_SC_DELTAT_H register
PD_SC_15
PD_SC_14
PD_SC_13
PD_SC_12
PD_SC_11
PD_SC_10
PD_SC_9
PD_SC_8
Table 388. PEDO_SC_DELTAT_H/L register description
PD_SC_[15:0]
Time period value (1LSB = 6.4 ms)
LSM6DSV80X
Embedded advanced features register description
DS14764 - Rev 1
page 141/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com