Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 33 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 29Page - Analog Devices ADE9178GTL+ Datasheet HTML 30Page - Analog Devices ADE9178GTL+ Datasheet HTML 31Page - Analog Devices ADE9178GTL+ Datasheet HTML 32Page - Analog Devices ADE9178GTL+ Datasheet HTML 33Page - Analog Devices ADE9178GTL+ Datasheet HTML 34Page - Analog Devices ADE9178GTL+ Datasheet HTML 35Page - Analog Devices ADE9178GTL+ Datasheet HTML 36Page - Analog Devices ADE9178GTL+ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 33 of 122
Worked Examples
This section gives example calculations for the above conversion
equations with the following system parameters.
System Parameters:
►
VNOMINAL = 220 VRMS
►
INOMINAL = 10 ARMS
►
Line Frequency = 50 Hz
►
Shunt Resistor = 500 μΩ
►
Voltage Divider
►
R1 = 990 kΩ
►
R2 = 1 kΩ
►
Divider Ratio = 0.001
Tℎeoretical
 Full‐Scale Voltage=VFS_T=
VADC_FS
Divider_Ratio
÷ 2= 10.001 ÷ 2=
707 VRMS (6)
 Maximum Input Voltage  Pseudo
 Differential =VMAX= VADC_FS_PSEUDO
Divider_Ratio
÷ 2= 0.50.001 ÷ 2=
353.5 VRMS
(7)
Note that the ADE91xx has two different full-scale voltages, ±1
V peak to peak for fully differential and ±0.5 V peak to peak for
pseudo differential (for more details, refer to the Signal Voltage
Range Between the IP and IM, V1P and V1M, and V2P and V2M
Pins section in the ADE91xx data sheet). The full-scale codes
defined in the Table 13 table are related to the fully differential setup
of the ADC (±1 V peak to peak), therefore, any calculation that
includes full-scale codes must use VFS_T calculated above. Note
that do not use the pseudo differential full-scale voltage as this
leads to incorrect conversions.
As in most applications, the voltage is measured using a resistor-di-
vider ladder, the ADC is being used with a pseudo differential input
rather than a fully differential input. This means that the max voltage
allowed into the voltage ADC input is ±0.5 V peak to peak, therefore
the max voltage that can be applied to the input of the potential
divider is VFS_T/2 = 353.5 VRMS. Any voltage above this throws the
clipping and measurement errors.
Full
‐Scale Current=IFS= IADC_FS
Sℎunt
_Resistance
÷ 2= 0.03125
500×10−6
÷ 2=
44.188 ARMS (8)
RMS Output Calculation:
If AIRMS = 24285092 decimal, then:
AIRMSCONVERTED= IFS
RMSFS_CODES
×AIRMS
= 44.188
107310840
×24285092=
10.00 ARMS (9)
If AVRMS = 33394314 decimal, then:
AVRMSCONVERTED= VFS_T
RMSFS_CODES
×AVRMS
= 707107310840×33394314=
220.013 VRMS (10)
Power Calculation:
If AWATT = 6044931 decimal, then:
AWATTCONVERTED= IFS×VFS_T
POWFS_CODES
×AWATT
=44.188×707
85829040
×6044931=
2200.295 Watts (11)
If AVA = 6038115 decimal, then:
AVACONVERTED= IFS×VFS_T
POWFS_CODES
×AVA
=44.188×707
85829040
×6038115=
2197.814 VA (12)
Energy Calculation:
If AWATTHR_POS_HI = 2950618 decimal and
AWATTHR_POS_LO = 7367 decimal, then:
Energy= IFS×VFS_T
POWFS_CODES
× XHI≪13+XLO
4000
=44.188×707
85829040
× 2950618≪13+7367
4000
=
2199.54 Watt Seconds
(13)
If AVAHR_HI = 2950549 decimal and AVAHR_LO = 7354 decimal,
then:
Energy= IFS×VFS_T
POWFS_CODES
× XHI≪13+XLO
4000
=44.188×707
85829040
× 2950549≪13+7354
4000
=
2199.49 Watt Seconds
(14)
Period Calculation:
If APERIOD = 5242710 decimal, then:
APERIODCONVERTED=APERIOD+1
4000×216
=5242710+1
4000×216
=
19.9994 ms=50.0015 Hz (15)
Angle Calculation:
If ANGL_AV_BV = 6826 decimal and APERIOD = 5242738 deci-
mal, then:
Angle=2πANGLXY×256
xPERIOD+1
−2π=2π6826×256
5242738+1
−2π=−4
.189 radians=
−240
.012 degrees
(16)
Therefore, phase B voltage is lagging phase A voltage by 240.012°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com