Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 1 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 1 Page - Analog Devices

  ADE9178GTL+ Datasheet HTML 1Page - Analog Devices ADE9178GTL+ Datasheet HTML 2Page - Analog Devices ADE9178GTL+ Datasheet HTML 3Page - Analog Devices ADE9178GTL+ Datasheet HTML 4Page - Analog Devices ADE9178GTL+ Datasheet HTML 5Page - Analog Devices ADE9178GTL+ Datasheet HTML 6Page - Analog Devices ADE9178GTL+ Datasheet HTML 7Page - Analog Devices ADE9178GTL+ Datasheet HTML 8Page - Analog Devices ADE9178GTL+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
Data Sheet
ADE9178
Energy Management DSP with PEN Fault Detection
19-101907; Rev A; 3/25
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.All Analog Devices products contained herein are subject to release and
availability.
FEATURES
►
Metrology chip for use with any combination of the following
AFEs
►
ADE9113 (3-channel, isolated, Σ-Δ ADC)
►
ADE9112 (2-channel, isolated, Σ-Δ ADC)
►
ADE9103 (3-channel, non-isolated, Σ-Δ ADC)
►
Can support up to four ADE9113/ADE9112/ADE9103 daisy-
chained ADCs through 4-wire SPI
►
Supports up to a total of 12 ADC channels of data
►
4-wire SPI for Host MCU communications up to 25 MHz
►
Total active energy calculation
►
Class C accuracy (0.5%), supports the following
►
MID 2014/32/EU Annex V
►
EN 50470-1:2006
►
EN 50470-3:2006
►
EN 50470-3:2022
►
IEC 62052-11:2020
►
IEC 62053-21:2020
►
OIML G 22:2022
►
NIST Handbook 44:2023
►
Total apparent energy calculation using filtered RMS
►
Energy accumulation, import and export for reverse power/vehi-
cle to grid (V2G) applications
►
Basic power quality features
►
Short-duration undervoltage or overvoltage (dip/swell) detec-
tion
►
Short-duration undercurrent or overcurrent (dip/swell) detec-
tion
►
Line frequency calculation with 10 mHz accuracy
►
Angles between phase voltages and currents
►
Power-factor calculation
►
Configurable phase, gain and offset calibration registers for all
ADC channels
►
Two configurable calibration frequency (CF) pulse outputs
►
Configurable: no load detection
►
Phase-sequence detection
►
RMS on full cycle, half cycle and filtered RMS on all ADC
channels
►
Supported frequency range: 45 Hz to 65 Hz
►
Four user-programmable interrupt outputs (IRQs)
►
PEN open fault detection (BS 7671:2018 Amendment 1:2020)
►
Waveform streaming through UART transmit pin
►
Datapath multiplexing to allow any ADC data to be used for any
data processing path
►
Temperature range: −40°C to +105°C
►
Available in 5 mm × 5 mm, 40-lead LFCSP package
APPLICATIONS
►
Electric vehicle supply equipment
►
Shunt-based polyphase meters
►
Solar inverters
►
Energy and power monitoring
GENERAL DESCRIPTION
The ADE9178 is a metrology digital signal processor (DSP) for use
with a combination of ADE9113/ADE9112/ADE9103 sigma delta an-
alog-to-digital converters (ADCs). The ADE9178 is a high accuracy,
3-phase electrical energy measurement IC primarily for the electric
vehicle supply equipment (EVSE) market with serial peripheral
interface (SPI) and two flexible pulse outputs. The ADE9178 can in-
terface with up to four daisy-chained ADE9113/ADE9112/ADE9103
devices through SPI protocol. The ADE9178 incorporates all the
signal processing required to perform total active energy, apparent
energy measurements, and root mean square (RMS) calculations.
A fixed function DSP executes this signal processing.
The ADE9178 is well-suited for the EVSE market due to its broad
feature set such as protective earth and neutral (PEN) open fault
detection without the need for any additional hardware, overcurrent,
and overvoltage detection using RMS of half cycle/one cycle and
vehicle to grid/home (V2X) capabilities.
The ADE9178 measures active and apparent energy in various
3-phase configurations, such as wye or delta services, with both
three and four wires, single phase, and split phase while supporting
both 50 Hz and 60 Hz line frequencies. The ADE9178 provides
gain, offset, and phase calibration features for each ADC channel.
The CF1 and CF2 logic outputs provide power information that is
proportional to the measured accumulated energy.
The ADE9178 incorporates some basic power quality measurement
features, such as short-duration undervoltage/undercurrent or over-
voltage/overcurrent detection, line voltage period measurements,
and angles between phase voltages and currents. A Host microcon-
troller unit (MCU) can be used to communicate with the ADE9178
through 4-wire SPI. Waveform streaming can be accessed by the
Host MCU through the WAVEFORM_TX pin of the ADE9178. The
ADE9178 also has four user-programmable interrupt pins, IRQ0,
IRQ1, IRQ2, and IRQ3, to indicate that an enabled interrupt event
has occurred. The ADE9178 is available in a 40-lead, LFCSP
package.
For more details on how to setup the ADE9178 in an EVSE
application, refer to the application note Using ADE9178 for EV
Charger Metrology Solution.


Similar Part No. - ADE9178GTL+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9103 AD-ADE9103 Datasheet
1Mb / 55P
Isolated, Sigma-Delta ADCs with SPI
Rev. A
ADE9103ARNZ AD-ADE9103ARNZ Datasheet
1Mb / 55P
Isolated, Sigma-Delta ADCs with SPI
Rev. A
ADE9103ARNZ-REEL AD-ADE9103ARNZ-REEL Datasheet
1Mb / 55P
Isolated, Sigma-Delta ADCs with SPI
Rev. A
ADE9112 AD-ADE9112 Datasheet
1Mb / 55P
Isolated, Sigma-Delta ADCs with SPI
Rev. A
ADE9112ARNZ AD-ADE9112ARNZ Datasheet
1Mb / 55P
Isolated, Sigma-Delta ADCs with SPI
Rev. A
More results

Similar Description - ADE9178GTL+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7760 AD-ADE7760 Datasheet
514Kb / 24P
Energy Metering IC with On-Chip Fault Detection
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7751ARSZ AD-ADE7751ARSZ Datasheet
379Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV. 0
AD7751 AD-AD7751_15 Datasheet
187Kb / 14P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761A AD-ADE7761A_15 Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com