Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 65 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 61Page - Analog Devices ADE9178GTL+ Datasheet HTML 62Page - Analog Devices ADE9178GTL+ Datasheet HTML 63Page - Analog Devices ADE9178GTL+ Datasheet HTML 64Page - Analog Devices ADE9178GTL+ Datasheet HTML 65Page - Analog Devices ADE9178GTL+ Datasheet HTML 66Page - Analog Devices ADE9178GTL+ Datasheet HTML 67Page - Analog Devices ADE9178GTL+ Datasheet HTML 68Page - Analog Devices ADE9178GTL+ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 65 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x087
AUX3SWELLONE_LVL
Auxiliary 3 Channel RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x088
AUX3DIPHALF_CYC
Auxiliary 3 RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x089
AUX3DIPONE_CYC
Auxiliary 3 RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x08A
AUX3SWELLHALF_CYC
Auxiliary 3 RMSHALF Swell Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x08B
AUX3SWELLONE_CYC
Auxiliary 3 RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x08C
AUX4GAIN
Auxiliary 4 Channel Gain Adjust.
0x00000000
R/W
0x08D
AUX4OS
Auxiliary 4 Channel Offset.
0x00000000
R/W
0x08E
AUX4PHCAL
Auxiliary 4 Channel-Phase Correction Factor.
0x00000000
R/W
0x08F
AUX4RMSOS
Auxiliary 4 Channel-Filtered RMS Offset.
0x00000000
R/W
0x090
AUX4RMSHALFOS
Auxiliary 4 Channel Half-Cycle RMS Offset.
0x00000000
R/W
0x091
AUX4RMSONEOS
Auxiliary 4 Channel One-Cycle RMS Offset.
0x00000000
R/W
0x092
AUX4DIPHALF_LVL
Auxiliary 4 Channel RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x093
AUX4DIPONE_LVL
Auxiliary 4 Channel RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x094
AUX4SWELLHALF_LVL
Auxiliary 4 Channel RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x095
AUX4SWELLONE_LVL
Auxiliary 4 Channel RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x096
AUX4DIPHALF_CYC
Auxiliary 4 RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x097
AUX4DIPONE_CYC
Auxiliary 4 RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x098
AUX4SWELLHALF_CYC
Auxiliary 4 RMSHALF Swell Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x099
AUX4SWELLONE_CYC
Auxiliary 4 RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x09A
AUX5GAIN
Auxiliary 5 Channel Gain Adjust.
0x00000000
R/W
0x09B
AUX5OS
Auxiliary 5 Channel Offset.
0x00000000
R/W
0x09C
AUX5PHCAL
Auxiliary 5 Channel-Phase Correction Factor.
0x00000000
R/W
0x09D
AUX5RMSOS
Auxiliary 5 Channel-Filtered RMS Offset.
0x00000000
R/W
0x09E
AUX5RMSHALFOS
Auxiliary 5 Channel Half-Cycle RMS Offset.
0x00000000
R/W
0x09F
AUX5RMSONEOS
Auxiliary 5 Channel One-Cycle RMS Offset.
0x00000000
R/W
0x0A0
AUX5DIPHALF_LVL
Auxiliary 5 Channel RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x0A1
AUX5DIPONE_LVL
Auxiliary 5 RMSONE Dip Specified in Line Cycles.
0x00000000
R/W
0x0A2
AUX5SWELLHALF_LVL
Auxiliary 5 Channel RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x0A3
AUX5SWELLONE_LVL
Auxiliary 5 Channel RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x0A4
AUX5DIPHALF_CYC
Auxiliary 5 RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x0A5
AUX5DIPONE_CYC
Auxiliary 5 RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x0A6
AUX5SWELLHALF_CYC
Auxiliary 5 RMSHALF Swell Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x0A7
AUX5SWELLONE_CYC
Auxiliary 5 RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x0A8
APGAIN
Phase A Power Gain Adjust.
0x00000000
R/W
0x0A9
AWATTOS
Phase A Total Active-Power Offset Correction.
0x00000000
R/W
0x0AA
BPGAIN
Phase B Power Gain Adjust.
0x00000000
R/W
0x0AB
BWATTOS
Phase B Total Active-Power Offset Correction.
0x00000000
R/W
0x0AC
CPGAIN
Phase C Power Gain Adjust.
0x00000000
R/W
0x0AD
CWATTOS
Phase C Total Active-Power Offset Correction.
0x00000000
R/W
0x0AE
CONFIG0
Configuration Register 0.
0x00000D80
R/W
0x0AF
PEAK_CONFIG
Peak-Detection Configuration Register.
0x00000000
R/W
0x0B0
PEN_CONFIG
PEN Fault-Channel Selection Configuration Register.
0x00003420
R/W
0x0B1
CF1_CONFIG
CF1 Configuration Register.
0x00000001
R/W
0x0B2
CF2_CONFIG
CF2 Configuration Register.
0x00000001
R/W
0x0B3
ISUMRMSOS
Offset Correction for ISUMRMS Calculation.
0x00000000
R/W
0x0B4
ISUMLVL
Threshold to Compare ISUMRMS Against.
0x00000000
R/W
0x0B5
VNOM
Nominal Phase Voltage RMS.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com