Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 60 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 56Page - Analog Devices ADE9178GTL+ Datasheet HTML 57Page - Analog Devices ADE9178GTL+ Datasheet HTML 58Page - Analog Devices ADE9178GTL+ Datasheet HTML 59Page - Analog Devices ADE9178GTL+ Datasheet HTML 60Page - Analog Devices ADE9178GTL+ Datasheet HTML 61Page - Analog Devices ADE9178GTL+ Datasheet HTML 62Page - Analog Devices ADE9178GTL+ Datasheet HTML 63Page - Analog Devices ADE9178GTL+ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
Data Sheet
ADE9178
REGISTER NUMBER FORMAT
analog.com
Rev. A | 60 of 122
Table 31 shows if the number is signed/unsigned and specifies the valid range for input registers.
Table 31. Register Number Format
Register Group
Relevant Registers
Input/Output Register
Signed/Unsigned
Range
Related Section
Gain Registers
xxGAIN, AUXyGAIN
Input
Signed
0xE8000000 to 0x8000000 Gain Calibration, Power
Gain Calibration
Phase Cal Registers
xxPHCAL, AUXyPHCAL
Input
Signed
0xF8000000 to 0x8000000 Phase Calibration
Active Power Offset
Registers
xWATTOS
Input
Signed
0xF8000000 to 0x8000000 Power Offset Calibration
No Load Level Registers
xxx_NL_LVL
Input
Unsigned
0x0 to 0x7FFFFFFF
No Load Detection
Channel Offset Registers
xxOS, AUXyOS
Input
Signed
0xFF800000 to 0x800000
Gain and Offset
Compensation
RMS Offset Registers
xxRMSOS,
xxRMSHALFOS,
xxRMSONEOS,
AUXyRMSOS,
AUXyRMSHALFOS,
AUXyRMSONEOS,
ISUMRMSOS,
VSUMRMSONEOS,
VxxRMSONEOS
Input
Signed
0x80000000 to
0x7FFFFFFF
RMS Offset Calibration
CF Threshold
CF1_THR, CF2_THR
Input
Unsigned
0x28ED2D to
0x7FFFFFFF
CF Pulse Generation
Dip/Swell Cycle Registers
xxDIPHALF_CYC,
xxDIPONE_CYC,
AUXyDIPHALF_CYC,
AUXyDIPONE_CYC,
xxSWELLHALF_CYC,
xxSWELLONE_CYC,
AUXySWELLHALF_CYC,
AUXySWELLONE_CYC,
VSUMSWELLONE_CYC,
VxxDIPONE_CYC,
VxxSWELLONE_CYC
Input
Unsigned
0x0 to 0xFFFFFFFF
Dip and Swells
Zero-Crossing Timeout
ZXTOUT
Input
Unsigned
0x0 to 0xFFFFFFFF
Zero-Crossing Timeout
Phase-Sequence Error
Detection
SEQ_CYC
Input
Unsigned
0x0 to 0xFFFFFFFF
Phase-Sequence Error
Detection
Energy Accumulation Time
EGY_TIME
Input
Unsigned
0x0 to 0xFFFFFFFF
Energy Calculation
CF Pulse-Width
Configuration
CF_LTMR
Input
Unsigned
0x1 to 0x13880
CF Pulse Generation
Zero-Crossing Threshold
ZXTHRSH
Input
Unsigned
0x0 to 0xFFFFFFFF
Zero-Crossing Detection
User-Configured Period
Values
USER_PERIOD,
USER_PERIOD_HALF
Input
Unsigned
0x0 to 0xFFFFFFFF
RMS of One Cycle, RMS of
Half Cycle
Dip/Swell Level Registers
xxDIPHALF_LVL,
xxDIPONE_LVL,
AUXyDIPHALF_LVL,
AUXyDIPONE_LVL,
xxSWELLHALF_LVL,
xxSWELLONE_LVL,
AUXySWELLHALF_LVL,
AUXySWELLONE_LVL,
VSUMSWELLONE_LVL,
VxxDIPONE_LVL,
VxxSWELLONE_LVL
Input
Unsigned
0x0 to 0xFFFFFFFF
Dip and Swells
ISUMRMS Threshold
ISUMLVL
Input
Unsigned
0x0 to 0xFFFFFFFF
Neutral Current Mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com