Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 37 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 33Page - Analog Devices ADE9178GTL+ Datasheet HTML 34Page - Analog Devices ADE9178GTL+ Datasheet HTML 35Page - Analog Devices ADE9178GTL+ Datasheet HTML 36Page - Analog Devices ADE9178GTL+ Datasheet HTML 37Page - Analog Devices ADE9178GTL+ Datasheet HTML 38Page - Analog Devices ADE9178GTL+ Datasheet HTML 39Page - Analog Devices ADE9178GTL+ Datasheet HTML 40Page - Analog Devices ADE9178GTL+ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 37 of 122
POWER AND ENERGY MEASUREMENTS
Power Calculation
Total Active Power
The ADE9178 computes total active power on up to 3-phases. The
measurement is equal to the sum of active power of all fundamental
and harmonic components of the voltages and currents.
The total active power on each phase is calculated by first mul-
tiplying the xI_PCF and xV_PCF waveforms. Then the result is
low-pass filtered, unless the DISAPLPF bit in the CONFIG0 register
is equal to 1. Finally, the xPGAIN is applied to perform a gain
correction and the xWATTOS value is applied to correct the watt off-
set. The active power calculations, one for each channel (AWATT,
BWATT, and CWATT), are calculated internally at a 4 kHz rate but
the output registers are updated at a 1 kHz rate. The complete
datapath is shown in Figure 50.
Figure 50. Total Active Power Datapath
The low-pass filter (LPF), LPF2, extracts the total active power,
which attenuates harmonics of a 50 Hz or 60 Hz fundamental by
114 dB so that, at full scale, the variation in the low-pass filtered
active power is very small, ±0.0002%. Enable the LPF2 (DISAPLPF
= 0) for normal operation. Disable LPF2 (by setting DISAPLPF to 1)
in the CONFIG0 register to obtain instantaneous total active power.
DISAPLPF is 0 at reset.
Figure 51. LPF Diagram
The total active power measurements can be calibrated by gain
and offset. Equation 20 indicates how the gain and offset calibration
registers modify the results in the corresponding power registers:
xWATT
= 1+xPGAIN227 ×xWATT0
+xWATTOS
(20)
where, xWATT0 is the initial xWATT register value (decimal) before
gain and offset calibration. For the worked example, see the Power
Gain Calibration section.
The xWSIGN bits in the PHSIGN register indicate the sign of the
active power value. Bits [3:1] (REVAPC, REVAPB, and REVAPA)
in the STATUS0 register are set when a sign change occurs in the
active power measurement.
PWR_SETTLE[17:16] bits in the CONFIG0 register configure the
time for the power measurements to settle before starting the
energy and CF accumulators. Timer starts when ADC_RUN bit of
ADC_CONTROL register is set to 1, then waits the time configured
in PWR_SETTLE register, then starts power calculations.
Table 17. Total Active Power Settling Time for 50 Hz Input
Total Active Power Settling Time (Sec)
Configuration
FS = 99%
FS = 99.9%
HPF On, LPF2 On
1.0581
1.41304
HPF On, LPF2 Off
0.23525
0.79525
Total Apparent Power
The ADE9178 computes total apparent power on up to 3-phases.
Apparent power is calculated by multiplying the current RMS meas-
urement (xIRMS), by the corresponding voltage RMS (xVRMS),
and then applying a gain correction (xPGAIN). The result is stored
in the xVA register, which is calculated internally at a 4 kHz rate but
the output register is updated at a 1 kHz rate. Note that the offset
of the total apparent power calculation is performed by calibrating
the xIRMS and xVRMS measurements (using the xIRMSOS and
xVRMSOS registers), and there is no specific offset compensation
register for the apparent power signal processing.
The ADE9178 offers a register (VNOM) that contains a default RMS
value. If the VNOMx_EN bits in the CONFIG0 register are set,
VNOM RMS is multiplied with xIRMS to calculate xVA.
To calculate VNOM register value, use the following formula:
VNOM=V×RMSFS_CODES
VFS_T
(21)
where, V is the required nominal voltage, RMSFS_CODES is the RMS
output value when full-scale input is applied to the ADC input, and
VFS_T is the voltage that gives full scale at the ADC voltage input
(system specific).
For example, if the required nominal voltage is 230 V and VFS_T is
707 V, VNOM is calculated as:
VNOM=230×107310840
707
=
34910174 decimal
=
0×214AFDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com