Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 13 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 9Page - Analog Devices ADE9178GTL+ Datasheet HTML 10Page - Analog Devices ADE9178GTL+ Datasheet HTML 11Page - Analog Devices ADE9178GTL+ Datasheet HTML 12Page - Analog Devices ADE9178GTL+ Datasheet HTML 13Page - Analog Devices ADE9178GTL+ Datasheet HTML 14Page - Analog Devices ADE9178GTL+ Datasheet HTML 15Page - Analog Devices ADE9178GTL+ Datasheet HTML 16Page - Analog Devices ADE9178GTL+ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
Data Sheet
ADE9178
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 13 of 122
ENERGY ERROR OVER FREQUENCY AND POWER FACTOR
Total energies obtained from a sinusoidal voltage with an amplitude of 50% of full scale, a sinusoidal current with an amplitude of 10% of full
scale. Variable frequency between 45 Hz and 65 Hz. TA = 25°C, VDD = 3.3 V.
Figure 9. Total Active Energy Error as a Percentage of Reading Over
Frequency, PF = +1, +0.5, −0.5
Figure 10. Total Apparent Energy Error as a Percentage of Reading Over
Frequency, PF = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com