Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 22 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 18Page - Analog Devices ADE9178GTL+ Datasheet HTML 19Page - Analog Devices ADE9178GTL+ Datasheet HTML 20Page - Analog Devices ADE9178GTL+ Datasheet HTML 21Page - Analog Devices ADE9178GTL+ Datasheet HTML 22Page - Analog Devices ADE9178GTL+ Datasheet HTML 23Page - Analog Devices ADE9178GTL+ Datasheet HTML 24Page - Analog Devices ADE9178GTL+ Datasheet HTML 25Page - Analog Devices ADE9178GTL+ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 22 of 122
ADC AND HOST SPI
ADC SPI
The ADE9178 receives ADC samples through ADC SPI. The appli-
cation should connect the ADC in daisy-chain mode as explained
in ADE9113 data sheet. The ADC clock should be provided by
crystal to phase A ADC. Clock for phase B, phase C, and phase
N ADC's can be connected to DREADY/CLKOUT of phase A as
shown in Figure 30. The DREADY of last ADC in the chain should
be connected to DREADY input pin of the ADE9178. Figure 30
and Figure 31 show the required connections when four ADCs and
three ADCs are connected to ADE9178, respectively. Single and
two ADC configurations are also supported.
Figure 30. Four ADCs Connection Diagram to ADE9178
Figure 31. Three ADCs Connection Diagram to ADE9178
The ADE9178 supports three voltage (referred as AV, BV, and CV)
and three current channels (referred as AI, BI, and CI) for metrology
measurements and six auxiliary channels (AUX0, AUX1, …, AUX5)
for other measurements. The ADE9178 provides a multiplexer op-
tion that allows any ADC output to be redirected to any processing
datapath by writing appropriate slot number to ADC_REDIRECT0
and ADC_REDIRECT1 register.
In the connections shown in Figure 30 and Figure 31, ADC SPI
frames contain the data in the following sequence as shown in
Table 7 (with last ADC data comes first). This position in SPI frames
is referred as slots in this document where SLOT0 is the I channel
of the ADC, which has its MISO connected directly to ADE9178.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com