Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 24 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 20Page - Analog Devices ADE9178GTL+ Datasheet HTML 21Page - Analog Devices ADE9178GTL+ Datasheet HTML 22Page - Analog Devices ADE9178GTL+ Datasheet HTML 23Page - Analog Devices ADE9178GTL+ Datasheet HTML 24Page - Analog Devices ADE9178GTL+ Datasheet HTML 25Page - Analog Devices ADE9178GTL+ Datasheet HTML 26Page - Analog Devices ADE9178GTL+ Datasheet HTML 27Page - Analog Devices ADE9178GTL+ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 24 of 122
all calculations for all channels in that ADC. The ADE9178 also
raises an error interrupt (ERROR_STATUS:ADC_CRC_ERROR[6])
when this CRC error is detected. It is recommended to check ADC
SPI connections if this error persists or raised frequently during
development/design time of the application.
Host SPI
The SPI of the ADE9178 always acts as the subordinate and
consists of six pins. These pins are shown with prefix HOST in
Figure 33. Apart from standard SPI pins, HOST_RDY or
HOST_ERR signal is used to indicate response is ready or error
has occurred.
Data shifts into the device at the MOSI logic input on the falling
edge of SCLK, and the device samples the input data on the rising
edge of SCLK. Data shifts out of the ADE9178 at the MISO logic
output on the falling edge of SCLK and must be sampled by the
main device on the rising edge of SCLK. The least significant byte
of the word is shifted in and out first. The most significant bit of
each byte is sent first.
The ADE9178 is compatible with the following micro controller SPI
port clock polarity and phase settings:
CPOL = 1 and CPHA = 1 (typically Mode 3).
The minimum and maximum serial clock frequency supported is
500 kHz and 25 MHz, respectively.
The ADE9178 takes time to a process read or write command. The
ADE9178 raises HOST_RDY when the command is success-
ful. The host program must initiate the SPI read only after this
IRQ is raised.
Figure 33. ADE9178 to Host MCU SPI Connection
Table 9. HOST SPI Pin Description
Pins
Description
HOST_CS, HOST_SCLK, HOST_MOSI,
HOST_MISO
Standard 4-wire SPI pins.
HOST_ERR
Indicates last command has thrown
error.
HOST_RDY
Indicates response for last command
is ready.
The HOST_CS input must stay low for the whole SPI transaction.
Bringing HOST_CS high during a data transfer operation aborts the
transfer. A new transfer can be initiated by returning the HOST_CS
logic input low. Therefore, if the application does not need to read
back the register value (success case) or the status bits (error
case) after a write command the application MCU can toggle
HOST_CS to ignore the returned value.
It is not recommended to connect HOST_CS to ground because
the high-to-low transition on HOST_CS starts the ADE9178 SPI
transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com