Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 49 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 45Page - Analog Devices ADE9178GTL+ Datasheet HTML 46Page - Analog Devices ADE9178GTL+ Datasheet HTML 47Page - Analog Devices ADE9178GTL+ Datasheet HTML 48Page - Analog Devices ADE9178GTL+ Datasheet HTML 49Page - Analog Devices ADE9178GTL+ Datasheet HTML 50Page - Analog Devices ADE9178GTL+ Datasheet HTML 51Page - Analog Devices ADE9178GTL+ Datasheet HTML 52Page - Analog Devices ADE9178GTL+ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 49 of 122
OUTPUT REGISTER UPDATE RATES
Most of the ADE9178 output registers are updated every 1 ms interval (1 kHz rate). Table 26 summarizes the list of registers that are not
updated at the 1 kHz rate.
Table 26. Update Rates
Register Name
Description
Update Rate
Status Bits
xxRMSONE
One-cycle RMS registers
Line period
RMSONERDY (STATUS0/1)
xxRMSHALF
Half-cycle RMS registers
2 × line period
ZXxx(STATUS0/1)
xWATTHR_POS_LO/HI,
xWATTHR_NEG_LO/HI,
xWATTHR_SIGNED_LO/HI xVAHR_LO/HI
Active/apparent energy registers
Depends on EGY_TMR_MODE bit of
EP_CFG
EGYRDY (STATUS0/1)
xPF
Power factor
1 Hz
PF_RDY (STATUS0/1)
xxDIPHALF
Minimum RMSHALF during a half-cycle
dip event
2 × line period, but updated only when
DIPHALF is detected
xxDIPHALF (STATUS3)
xxDIPONE
Minimum RMSONE during a one-cycle
dip event
Line period but updated only when
DIPONE is detected
xxDIPONE (STATUS2)
xxSWELLHALF
Maximum RMSHALF during a half-
cycle swell event
2 × line period, but updated only when
SWELLHALF is detected
xxSWELLHALF (STATUS3)
xxSWELLONE
Maximum RMSONE during a one-cycle
swell event
Line period but updated only when
SWELLONE is detected
xxSWELLONE (STATUS2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com