Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 18 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 14Page - Analog Devices ADE9178GTL+ Datasheet HTML 15Page - Analog Devices ADE9178GTL+ Datasheet HTML 16Page - Analog Devices ADE9178GTL+ Datasheet HTML 17Page - Analog Devices ADE9178GTL+ Datasheet HTML 18Page - Analog Devices ADE9178GTL+ Datasheet HTML 19Page - Analog Devices ADE9178GTL+ Datasheet HTML 20Page - Analog Devices ADE9178GTL+ Datasheet HTML 21Page - Analog Devices ADE9178GTL+ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 122 page
background image
Data Sheet
ADE9178
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 18 of 122
CF VS. ENERGY REGISTER CORRELATION AND CF JITTER
CF vs. energy register correlation obtained from a sinusoidal voltage with an amplitude of 50% of full scale, a sinusoidal current with variable
amplitude from 100% of full scale down to 0.05% of full scale. Frequency = 50 Hz, PF = 1, TA = 25°C and VDD = 3.3 V.
CF jitter obtained from a sinusoidal voltage with an amplitude of 50% of full scale, a sinusoidal current with variable amplitude from 100% of full
scale down to 0.05% of full scale. Frequency = 50 Hz, PF = 1, TA = 25°C and VDD = 3.3 V. CFx_THR set to d1341078, which equates to 500 Hz
CF output at full-scale current and CFx_THR set to d22351312, which equates to 30 Hz at full-scale current.
Figure 24. Correlation Between CF Pulse and Registers for Total Active
Energy Accumulation
Figure 25. CF1 Jitter Over Current Full Scale, CF1_THR = d1341078,
CF2 Disabled
Figure 26. CF1 Jitter Over Current Full Scale, CF1_THR = d22351312,
CF2 Disabled
Figure 27. CF2 Jitter Over Current Full Scale, CF2_THR = d1341078,
CF1 Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com