Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 45 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 41Page - Analog Devices ADE9178GTL+ Datasheet HTML 42Page - Analog Devices ADE9178GTL+ Datasheet HTML 43Page - Analog Devices ADE9178GTL+ Datasheet HTML 44Page - Analog Devices ADE9178GTL+ Datasheet HTML 45Page - Analog Devices ADE9178GTL+ Datasheet HTML 46Page - Analog Devices ADE9178GTL+ Datasheet HTML 47Page - Analog Devices ADE9178GTL+ Datasheet HTML 48Page - Analog Devices ADE9178GTL+ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 45 of 122
Peak Detection
The ADE9178 records the peak value measured on the current,
voltage, and auxiliary channels, from the xPCF waveforms. The
VPEAKSEL[2:0], IPEAKSEL[2:0], and AUXPEAKSEL[5:0] bits in
the PEAK_CONFIG register allow the user to select which channels
to monitor for peak detection.
The IPEAK register stores the peak current value in IPEAKV-
AL[23:0] and indicates which phase(s) currents reached the value
in the IPPHASE[2:0] bits. Similarly, VPEAKVAL and VPPHASE
bits of VPEAK register and AUXPEAKVAL and AUXPHASE bits
in AUXPEAK registers provides similar information for voltage and
auxiliary channels, respectively.
Note that the range of the PEAK output is clamped to ±8388607
codes.
Dip and Swells
Dip indicates that if the RMS of input signal reaches below a speci-
fied threshold for a user-configured number of cycles. Conversely,
swell indicates that if the RMS of input signal reaches above a
threshold for a specified number of cycles. The ADE9178 supports
dip/swell detection on RMSONE and RMSHALF outputs for all ADC
channels.
The corresponding xRMSHALF or xRMSONE is compared against
the configured xDIPHALF_LVL or xDIPONE_LVL. If the consecutive
RMS values are less than the level for configured number of
xDIPHALF_CYC (register unit in half-line cycles) or xDIPONE_CYC
(register value units in one-line cycles), then the corresponding
smallest dip RMS value is updated in xDIPONE or xDIPHALF
registers (same register format as all RMS output registers). Each
channel is associated with separate LVL and CYC registers. For
example, if the application wants to flag DIP if the AVRMSONE
reaches below 20% of the full scale for five-line cycles, then AVDI-
PONE_LVL register must be configured as RMSFS_CODE × 0.2 =
107310840 × 0.2 = 21462168 decimal and AVDIPONE_CYC must
be set to 5 decimal. Note that if 0 or 1 is written to the CYC register,
the dip/swell flag is set after one cycle.
Similarly, for swell detection, corresponding xRMSHALF or
xRMSONE is compared against the configured xSWELLHALF_LVL
or xSWELLONE_LVL. If the consecutive RMS values are greater
than the level for configured number of xSWELLHALF_CYC or
xSWELLONE_CYC, then maximum RMS values is updated in the
xSWELLONE or xSWELLHALF registers. Each channel is associat-
ed with separate LVL and CYC registers.
Status of RMSONE dips/swells is provided in STATUS2 register
and status of RMSHALF dips/swells is provided in STATUS3 regis-
ter. If DIP_SWELL_x_IRQ_MODE bit in CONFIG0 register is set,
then bit in STATUS registers is set only when entering or exiting
the dip or swell condition. Otherwise by default, the bit is set
continuously after every xDIPx_CYC or xSWELLX_CYC cycles.
IRQ2/IRQ3 outputs can be enabled by setting the appropriate bit in
the MASK2/MASK3 registers to generate interrupts for these flags.
Figure 61 and Figure 62 show the expected behavior for both
continuous and enter and exit IRQ modes. In both examples, the
CYC register is set to 0x2.
Figure 61. Continuous IRQ Mode
Figure 62. Enter and Exit IRQ Mode
Angle Measurement
The ADE9178 measures angles between voltage signals, current
signals, and angle between voltage and current signals. Note that
angle measurement is not available for auxiliary channels. It is
measured as the time between negative to positive zero crossings
of corresponding signals as shown in Figure 63 and Figure 64.
Figure 63. Angle between Voltages
Figure 64. Angle between Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com