Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 74 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 70Page - Analog Devices ADE9178GTL+ Datasheet HTML 71Page - Analog Devices ADE9178GTL+ Datasheet HTML 72Page - Analog Devices ADE9178GTL+ Datasheet HTML 73Page - Analog Devices ADE9178GTL+ Datasheet HTML 74Page - Analog Devices ADE9178GTL+ Datasheet HTML 75Page - Analog Devices ADE9178GTL+ Datasheet HTML 76Page - Analog Devices ADE9178GTL+ Datasheet HTML 77Page - Analog Devices ADE9178GTL+ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 74 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
Continuous Interrupts. Get
continuous interrupts after
every DIP_CYC/SWELL_CYC
cycles.
1
Enter and Exit Interrupts. Get
one interrupt when entering
DIP/SWELL mode and another
interrupt when exiting DIP/
SWELL mode.
18
DIP_SWELL_HALF_IRQ_MODE
Dip and Swell Half-Cycle
Interrupt Mode Selection.
0x0
R/W
0
Continuous Interrupts. Get
continuous interrupts after
every DIP_CYC/SWELL_CYC
cycles.
1
Enter and Exit Interrupts. Get
one interrupt when entering
DIP/SWELL mode and another
interrupt when exiting DIP/
SWELL mode.
[17:16]
PWR_SETTLE
Power Settling Time Selection.
These bits configure the time
for the power measurements
to settle before starting the
energy and CF accumulations.
0x0
R/W
00
Settle for 64 ms.
01
Settle for 128 ms.
10
Settle for 256 ms.
11
Settle for 0 ms.
15
VNOMC_EN
Nominal Phase Voltage RMS
for Phase C Total Apparent
Power. Set this bit to use the
nominal phase voltage RMS,
VNOM, in the computation of
Phase C total apparent power,
CVA.
0x0
R/W
14
VNOMB_EN
Nominal Phase Voltage RMS
for Phase B Total Apparent
Power. Set this bit to use the
nominal phase voltage RMS,
VNOM, in the computation of
Phase B total apparent power,
BVA.
0x0
R/W
13
VNOMA_EN
Nominal Phase Voltage RMS
for Phase A Total Apparent
Power. Set this bit to use the
nominal phase voltage RMS,
VNOM, in the computation of
Phase A total apparent power,
AVA.
0x0
R/W
12
ZX_SRC_SEL
Zero-Crossing Source Select.
This bit selects whether data
going into the zero-crossing
detection circuit comes before
the HPF or after the PCF.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com