Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 40 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 36Page - Analog Devices ADE9178GTL+ Datasheet HTML 37Page - Analog Devices ADE9178GTL+ Datasheet HTML 38Page - Analog Devices ADE9178GTL+ Datasheet HTML 39Page - Analog Devices ADE9178GTL+ Datasheet HTML 40Page - Analog Devices ADE9178GTL+ Datasheet HTML 41Page - Analog Devices ADE9178GTL+ Datasheet HTML 42Page - Analog Devices ADE9178GTL+ Datasheet HTML 43Page - Analog Devices ADE9178GTL+ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 40 of 122
CF Pulse Generation
Many electricity meters are required to provide a pulse output that
is proportional to the energy being accumulated, with a given pulse
per kWh meter constant. The ADE9178 includes two pulse outputs
that are proportional to the energy accumulation.
A block diagram of the CFx pulse generation and apparent da-
tapath is shown in Figure 56 and Figure 57, respectively. The
ACCMODE[8:7] bits in the CFx_CONFIG register decides the CF
accumulation mode (signed, positive, or negative accumulation for
active power and signed or positive accumulation only for apparent
power). The PHASESEL[6:4] bits in the CFx_CONFIG register
determines which phases to include for CF accumulation. The
PWRSEL[3:1] bits in the CFx_CONFIG register decides whether
active power or apparent power is used for CF accumulation. If the
application wants to clear CF accumulator, it can be done using the
ACC_CLEAR[10] bit in the CFx_CONFIG register. The CF pulses
are generated when accumulated value from previous CF pulse
exceeds CFx_THR × 28.
The low-pulse width of CF pulse can be controlled by CF_LTMR
(in μs), for example, CF_LTMR = 50000 decimal sets the low-pulse
width to 50 ms register as per Table 20. If WIDTHSEL is set to 1,
the maximum active low-pulse width is 80 ms (CF_LTMR = 80000
decimal = 0x13880). Note that the CF_LTMR must be set ≥ 0x1 and
≤ 0x13880.
Note that for the best CF performance, CF frequency must be read
from the falling edge of the signal.
Table 20. WIDTHSEL Configuration
WIDTHSEL
Active Low-Pulse
Width for Low
Frequencies
(<6.25 Hz)
Active Low-Pulse
Width for High
Frequencies
(>6.25 Hz)
Behavior when
Entering No
Load
0
80 ms
50% of period
If CFx is low,
finish current
pulse, return high
1
CF_LTMR (in μs)
50% of period
CFx_THR register can be used to control the frequency of the puls-
es. The ADE9178 issues a pulse whenever accumulated energy
from previous CF pulse crosses (CFx_THR × 256). To generate
M impulses per kWHr, use the following formula for setting the
threshold:
CFx_THR=1000×60×60×POWFS_CODES×4000
M×IFS×VFS_T×256
(24)
where, M is the required impulses per kWHr at full-scale inputs, IFS
is full-scale current in amperes RMS, and VFS_T is full-scale voltage
in volts RMS. Note that the fully-differential VFS_T is used for this
calculation. See the Worked Examples section on how to calculate
VFS_T for the system. POWFS_CODES is the full-scale power code
and can be obtained from full-scale code documentation.
The expected frequency of CF pulse at full-scale input can be
calculated as:
CFHz =POWFS_CODES×4000
CFx_THR×256
(25)
Note that the maximum recommended CF frequency of ADE9178 is
500 Hz. So minimum value of CFX_THR should be more than:
CFx_THR=POWFS_CODES×4000
500×256
=85829040×4000
500×256
=2682157
 decimal (26)
for single-phase accumulation and more than assuming FS inputs.
CFx_THR=POWFS_CODES×4000
500×256
×3
=85829040×4000
500×256
×3=
8046472 decimal (27)
for 3-phase accumulation assuming FS inputs.
CFx_THR is an unsigned value. For signed, positive, and negative
accumulation, the absolute value of the internal accumulation is
compared to the CFx_THR.
The SUMxSIGN bits in the PHSIGN register indicate whether the
sum of the energy that goes into the last CFx pulse is positive or
negative. Bits [5:4] (REVPSUM2 and REVPSUM1) in the STATUS0
register are set when CFx polarity changed sign. For example, if
the last CFx pulse is positive active energy and the next CFx pulse
is negative active energy, then REVPSUMx bit is set. This bit is
updated when the CFx pin goes from high to low.
Example:
System Parameters:
►
VFS_T = 707 VRMS
►
IFS = 44.188 ARMS
►
M = 1000 impls/kWHr
CFx_THR=1000×60×60×85829040×4000
1000×44.188×707×256
=
154537194 decimal
(28)
CFHz =85829040×4000
154537194×256
×3=
26.034 Hz (29)
with all 3-phases active.
Therefore, if VNOMINAL = 230 VRMS and INOMINAL= 10 ARMS (3-
phase), expected CF pulse output is 1.9167 Hz.
For more details, refer to the CF Pulse Setup Tab in the Calibration
and Conversion excel for a CFx_THR calculator, available on the
product webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com