Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 23 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 19Page - Analog Devices ADE9178GTL+ Datasheet HTML 20Page - Analog Devices ADE9178GTL+ Datasheet HTML 21Page - Analog Devices ADE9178GTL+ Datasheet HTML 22Page - Analog Devices ADE9178GTL+ Datasheet HTML 23Page - Analog Devices ADE9178GTL+ Datasheet HTML 24Page - Analog Devices ADE9178GTL+ Datasheet HTML 25Page - Analog Devices ADE9178GTL+ Datasheet HTML 26Page - Analog Devices ADE9178GTL+ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 23 of 122
Table 7. ADC Channel to ADE9178 SLOT Mapping for Four and Three ADC Configurations
Four ADE9113/ADE9103s Connected
(ADC_CONFIG:NUM_ADC = 0x4)
Three ADE9113/ADE9103s Connected
(ADC_CONFIG:NUM_ADC = 0x3)
Four ADE9112s Connected (ADC_CONFIG:NUM_ADC
= 0x4)
Phase
ADC Channel
ADE9178 SLOT Phase
ADC Channel
ADE9178 SLOT Phase
ADC Channel
ADE9178 SLOT
N
I
SLOT0
C
I
SLOT0
N
I
SLOT0
N
V1
SLOT1
C
V1
SLOT1
N
V1
SLOT1
N
V2
SLOT2
C
V2
SLOT2
N/A1
N/A1
SLOT2
C
I
SLOT3
B
I
SLOT3
C
I
SLOT3
C
V1
SLOT4
B
V1
SLOT4
C
V1
SLOT4
C
V2
SLOT5
B
V2
SLOT5
N/A1
N/A1
SLOT5
B
I
SLOT6
A
I
SLOT6
B
I
SLOT6
B
V1
SLOT7
A
V1
SLOT7
B
V1
SLOT7
B
V2
SLOT8
A
V2
SLOT8
N/A1
N/A1
SLOT8
A
I
SLOT9
Not present
N/A1
SLOT9
A
I
SLOT9
A
V1
SLOT10
Not present
N/A1
SLOT10
A
V1
SLOT10
A
V2
SLOT11
Not present
N/A1
SLOT11
N/A1
N/A1
SLOT11
1 N/A means not applicable.
Note that this means for a change in NUM_ADC value away
from default (0x4) the ADC_REDIRECT0 and ADC_REDIRECT1
registers must be updated. For example, with a three ADE91xx
configuration shown in Figure 31, SLOT0 is now mapped to the
current channel of phase C rather than the current channel of
phase N.
For two channel ADCs (ADE9112), the V2 input is not present
therefore the V2 data is 0 in the data packet. For the four ADE9112
example shown in Table 7, the ADC_REDIRECT0 and ADC_RE-
DIRECT1 values stay the same as the four ADE9113/ADE9103
example except the data in SLOT2, SLOT5, SLOT8, and SLOT11 is
0.
Table 8 shows the default values to write to ADC_REDIRECT0
and ADC_REDIRECT1 for different NUM_ADC values assuming
that the phase sequence matches the examples shown in Table 7
(ADE9178 MOSI connected to the first ADE91xx in the chain and
ADE9178 MISO connected to the last ADE91xx in the chain).
For channels that are not present, a slot number of 0x1F should
be written to corresponding bitfields of the ADC_REDIRECT0 and
ADC_REDIRECT1.
Table 8. Default ADC_REDIRECTx Values
NUM_ADC Value
ADC_REDIRECT0 Value ADC_REDIRECT1 Value
0x4
0x6431D2A
0x410150B
0x3
0x1190C7
0x3FFF88A8
0x2
0x3FF00464
0x3FFFFC45
0x1
0x3FFFFC01
0x3FFFFFE2
By default, for above connection, following mapping is done where
AV1, BV1, and CV1 are mapped to AV, BV, and CV and AV2, BV2,
CV2, NI, NV1, and NV2 are mapped to auxiliary channels as shown
in Figure 32.
Figure 32. ADC to ADE9178 Channel Mapping
Note that setting ADC_CONTROL RUN bit to 1 sets the sampling
rate of the ADCs to 4 kHz.
Multiple ADC Synchronization
If multiple ADCs are connected to ADE9178, the application can
periodically issue synchronization of these ADCs through the
ADC_CONTROL register. This ensures that all ADCs sample at
the same time. The ADC_CONTROL register can be used to
synchronize all ADCs periodically. To ensure correct operation, it
is recommended to synchronize ADCs by writing ADC_CONTROL
= 0x5 (ADC_SYNC = 1, ADC_RUN = 1) once every day. The
ADE9178 performs a synchronization sequence if the ADCs are out
of synchronization. Note that energy calculation can be disrupted
for ~1 ms during synchronization if it is required.
ADC SPI Protocol CRC
The ADE9178 checks whether there are any CRC errors in the data
transmitted by ADC over SPI. If there is a CRC error in the data
frame transmitted by an ADC, previous correct sample is used for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com