Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 90 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 86Page - Analog Devices ADE9178GTL+ Datasheet HTML 87Page - Analog Devices ADE9178GTL+ Datasheet HTML 88Page - Analog Devices ADE9178GTL+ Datasheet HTML 89Page - Analog Devices ADE9178GTL+ Datasheet HTML 90Page - Analog Devices ADE9178GTL+ Datasheet HTML 91Page - Analog Devices ADE9178GTL+ Datasheet HTML 92Page - Analog Devices ADE9178GTL+ Datasheet HTML 93Page - Analog Devices ADE9178GTL+ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 90 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
[26:24]
VPPHASE
Voltage Channel Peak
Phase. These bits indicate
which phase generated the
VPEAKVAL value. Among all
the monitored phases for peak
detection, phase A voltage had
the highest peak if bit 0 is
set, phase B voltage had the
highest peak if bit 1 is set,
and phase C voltage had the
highest peak if bit 2 is set.
0x0
R
[23:0]
VPEAKVAL
Absolute Value of the Peak
Voltage. Stores absolute value
of the peak for voltage
channels.
0x0
R
0x287
AUXPEAK
[31:30]
RESERVED
Reserved.
0x0
R
[29:24]
AUXPHASE
Auxiliary Channel Peak
Phase. These bits indicate
which phase generated the
AUXPEAKVAL value. Among
all the monitored phases for
peak detection, AUX0 had the
highest peak if bit 0 is set,
AUX1 had the highest peak
if bit 1 is set, AUX2 had the
highest peak if bit 2 is set, and
so on.
0x0
R
[23:0]
AUXPEAKVAL
Absolute Peak Value of the
Auxiliary Channels. Stores
absolute value of the peak for
auxiliary channels.
0x0
R
0x288
PHSIGN
[31:5]
RESERVED
Reserved.
0x0
R
4
SUM2SIGN
CF2 Last Sum Sign. Sign of
the sum of the powers included
in the CF2 datapath. The CF2
energy is positive if this bit is
clear and negative if this bit is
set.
0x0
R
3
SUM1SIGN
CF1 Last Sum Sign. Sign of
the sum of the powers included
in the CF1 datapath. The CF1
energy is positive if this bit is
clear and negative if this bit is
set.
0x0
R
2
CWSIGN
Phase C Active Power Sign
Bit. Sign of the active power
of phase C. The active energy
is positive if this bit is clear and
negative if this bit is set.
0x0
R
1
BWSIGN
Phase B Active Power Sign
Bit. Sign of the active power
of phase B. The active energy
is positive if this bit is clear and
negative if this bit is set.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com