Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 73 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 69Page - Analog Devices ADE9178GTL+ Datasheet HTML 70Page - Analog Devices ADE9178GTL+ Datasheet HTML 71Page - Analog Devices ADE9178GTL+ Datasheet HTML 72Page - Analog Devices ADE9178GTL+ Datasheet HTML 73Page - Analog Devices ADE9178GTL+ Datasheet HTML 74Page - Analog Devices ADE9178GTL+ Datasheet HTML 75Page - Analog Devices ADE9178GTL+ Datasheet HTML 76Page - Analog Devices ADE9178GTL+ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 73 of 122
Table 34 shows the registers of the ADE9178 that have bitfields. Additional registers listed in Table 33 table do not have bit fields.
Table 34. ADE9178 Register Details
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0AE
CONFIG0
[31:30]
RESERVED
Reserved.
0x0
R
29
CRC_DIS
Disable CRC Check. Set this
bit to disable CRC check on
Host SPI command.
0x0
R/W
28
ICONSEL
Phase B Current Calculation
Selection. Set this bit to
calculate the current flowing
through BI from the AI and CI
measurements. If this bit is set,
BI = −AI − CI.
0x0
R/W
[27:25]
VCONSEL
3-Wire and 4-Wire Hardware
Configuration Selection.
0x0
R/W
000
4-Wire Wye.
001
3-Wire Delta. BV' = AV − CV.
010
4-Wire Wye, Non-Blondel
Compliant. BV' = −AV − CV.
011
4-Wire Wye, Non-Blondel
Compliant. BV' = −AV.
100
3-Wire Delta. AV' = AV − BV;
BV' = AV − CV; CV' = CV − BV.
[24:22]
ISUM_AUXSEL
Neutral Channel Selection
Configuration for ISUM.
0x0
R/W
000
Auxiliary 0 Channel Used in
ISUM Calculation.
001
Auxiliary 1 Channel Used in
ISUM Calculation.
010
Auxiliary 2 Channel Used in
ISUM Calculation.
011
Auxiliary 3 Channel Used in
ISUM Calculation.
100
Auxiliary 4 Channel Used in
ISUM Calculation.
101
Auxiliary 5 Channel Used in
ISUM Calculation.
[21:20]
ISUM_CFG
ISUM Calculation
Configuration.
0x0
R/W
00
ISUM = AI_PCF +
BI_PCF + CI_PCF. For
approximated neutral current
RMS calculation.
01
ISUM = AI_PCF + BI_PCF
+ CI_PCF + AUXx_PCF. To
determine mismatch between
neutral and phase currents.
10
ISUM = AI_PCF + BI_PCF
+ CI_PCF − AUXx_PCF. To
determine mismatch between
neutral and phase currents.
19
DIP_SWELL_ONE_IRQ_MODE
Dip and Swell One-Cycle
Interrupt Mode Selection.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com