Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 48 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 44Page - Analog Devices ADE9178GTL+ Datasheet HTML 45Page - Analog Devices ADE9178GTL+ Datasheet HTML 46Page - Analog Devices ADE9178GTL+ Datasheet HTML 47Page - Analog Devices ADE9178GTL+ Datasheet HTML 48Page - Analog Devices ADE9178GTL+ Datasheet HTML 49Page - Analog Devices ADE9178GTL+ Datasheet HTML 50Page - Analog Devices ADE9178GTL+ Datasheet HTML 51Page - Analog Devices ADE9178GTL+ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 48 of 122
PONE_LVL/VxxSWELLONE_LVL and
VxxDIPONE_CYC/VxxSWELLONE_CYC, for more details, see the
Dip and Swells section) are provided for each of the four PEN fault
channels. Four status bits (VSUMSWELLONE, VABSWELLONE,
VACSWELLONE, and VBCSWELLONE) are provided for swells
and three status bits (VABDIPONE, VACDIPONE, and VBCDI-
PONE) are provided for dips in the STATUS2 register, which if
required can be configured to generate interrupts on IRQ2 (for more
details, see the Dip and Swells section).
WAVEFORM STREAMING
The ADE9178 streams the waveform samples through universal
asynchronous receiver-transmitter (UART) interface. The baud
rate can be configured using the BAUD_RATE[4:1] bits in the
WFS_CONFIG register. The ADE9178 supports waveform stream-
ing of either raw ADC samples or samples after phase compensa-
tion filter using the WF_SRC[6:5] bits in the WFS_CONFIG register
(setting to 00 streams raw ADC values and 01 streams the samples
after the phase compensation filter). The sampling rate of the
samples streamed is 4 kHz.
Samples of different channels are transmitted in interleaved format
as follows in Table 23.
The individual channels can be enabled or disabled by setting the
corresponding x_WFS_EN bits in the WFS_CONFIG register. For
example, to stream AV and AI data only, set the AV_WFS_EN[7]
and AI_WFS_EN[8] bits to 1 in the WFS_CONFIG register. If a
channel is disabled, the samples corresponding to that channel are
not transmitted and is occupied by subsequent channel. For exam-
ple, if only AV, BV, and CV are enabled, samples are streamed as
follows in Table 24.
The baud rate required for transmission varies with number of
channels enabled. It is recommended to use the 3072 kbps, the
highest baud rate supported for waveform streaming. A baud rate
of at least 3072000 is required to stream all channels together.
Samples may drop if the baud rate is below the minimum require-
ment. If the baud rate is less than required baud rate when writing
WFS_CONFIG register, error pin is asserted.
Each sample is sent as a 32-bit integer with upper 24 bits indicating
the sample value and lower 8 bits indicating the corresponding
channel. This means the full range of samples is ±8388607. If
extreme gain and offset values are applied, then the waveform
saturates to the max and min value. This channel id can be used
to synchronize various channels. For example, if the number of
enabled channels is 12, then to synchronize the starting of the
capture to 0th channel, do the following steps:
1. Skip the bytes from UART till 0x0 is encountered.
2. Once 0x0 is received at the Nth byte, check if N + 4th byte is
0x1, N + 8th byte is 0x2, and N + 12th byte is 0x3. If not, then
go back to step 1.
The lowest byte of each 32-bit word is sent first through UART.
Table 25 summarizes the minimum baud rate requirement to stream
the waveform samples.
Table 23. Transmission Format
AV AI
BV BI
CV CI
AUX0 AUX1 AUX2 AUX3 AUX4 AUX5
Table 24. Transmission Format with Only AV, BV, and CV are Enabled
AV
BV
CV
AV
BV
CV
Figure 68. Waveform Streaming UART Transmission Format
Table 25. Minimum Baud Rate Requirements
Channels Enabled
Minimum Baud Rate
12
3072000
11
2048000
10
2048000
9
2048000
8
1536000
7
1536000
6
1536000
5
1024000
4
1024000
3
1024000
2
512000
1
256000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com