Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 46 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 42Page - Analog Devices ADE9178GTL+ Datasheet HTML 43Page - Analog Devices ADE9178GTL+ Datasheet HTML 44Page - Analog Devices ADE9178GTL+ Datasheet HTML 45Page - Analog Devices ADE9178GTL+ Datasheet HTML 46Page - Analog Devices ADE9178GTL+ Datasheet HTML 47Page - Analog Devices ADE9178GTL+ Datasheet HTML 48Page - Analog Devices ADE9178GTL+ Datasheet HTML 49Page - Analog Devices ADE9178GTL+ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 46 of 122
The output is given as three registers ANGL_AV_BV,
ANGL_AV_CV, and ANGL_BV_CV for voltage, three regis-
ters ANGL_AI_BI, ANGL_AI_CI, and ANGL_BI_CI for current
and another three registers ANGL_AV_AI, ANGL_BV_BI, and
ANGL_CV_CI angle between voltage and current of corresponding
phases. All angle registers only update when zero crossings are
present. Therefore, if the two relevant phases of a register drop
out, then both zero crossings disappear, and the value in the
angle register remains at the last known value. If only one of the
two relevant phases drop out, then the angle register continues
to update but the value increases indefinitely. This is due to the
nature in which angles are calculated in the ADE9178. Angles
are calculated from time between zero crossings, so if one phase
zero crossing is not present, then the time between zero crossings
increases indefinitely.
To ensure the angle results are valid, monitor the relevant RMS
of One Cycle registers on each phase (voltage and current). If the
RMSONE registers for a particular phase drops out, ignore any
angle output registers related to that phase.
Use the following equation to convert the register to angle in
radians:
Anglerad =2πANGLXY×256
xPERIOD+1
−2π
(33)
For example, for ANGL_AV_BV this equation gives the angle by
which phase B voltage lags phase A voltage expressed as a
negative value. All values are between 0 and −2π.
In Equation 33, xPERIOD corresponds to the period of selected
channels. There is no period register available for current output
and corresponding voltage period values can be used for angle
calculation. If the frequency of the signal is known, the following
formula can also be used to convert angle registers to radians:
Anglerad =2πANGLXY×fLINE
4000×28
−2π (34)
For more details, see the Worked Examples section and refer to the
Calibration and Conversion excel for the calculator, available on the
product webpage.
MEASUREMENTS ONLY FOR VOLTAGE
CHANNELS
Line Period Calculation
The ADE9178 calculates period using zero crossings on voltage
channels and combined voltage channels described in the Zero-
Crossing Detection section. The line period, tL can be calculated
from the xPERIOD register according to the following equation:
tL=xPERIOD+1
4000×216
(35)
If the calculated period value is outside the range of 40 Hz to 70
Hz, or if the negative to positive zero crossings for that phase are
not detected, the xPERIOD register is coerced to correspond to 50
Hz or 60 Hz, according to the setting of the SELFREQ bit in the
CONFIG0 register. With SELFREQ = 0 for a 50 Hz network, xPER-
IOD register is coerced to 0x0050 0000. If SELFREQ = 1, which
indicates a 60 Hz network, the xPERIOD register is coerced to
0x0042 AAAA. PERIOD_AVG_CFG bits in CONFIG0 register con-
figure the level of averaging performed on the period measurement.
It is recommended to configure CONFIG0:PERIOD_AVG_CFG[4:3]
to 0x2 to average the period over 16 samples. This reduces the
period jitter.
Phase-Sequence Error Detection
The ADE9178 monitors the zero crossings of the voltage signals
and raises sequence error if they are not in expected sequence.
If SEQ_CYC is set to 0 or 1, the ADE9178 flags sequence error
after 1 zero crossing errors. If SEQ_CYC is set to more than 1,
the ADE9178 flags sequence error only after getting SEQ_CYC
consecutive zero-crossing errors.
After applying VCONSEL, the expected sequence of voltage sig-
nals for a 3-phase system is shown in Figure 65.
Figure 65. Regular Succession of Zero-Crossing Events: Phase A, Phase B,
and Phase C
Figure 66 shows a sequence with phase-sequence error.
Figure 66. SEQERR Bit Set to 1 When Phase A Voltage is Followed by Phase
C Voltage
Note that phase-sequence error also happens if one of the voltage
channels are missing as shown in Figure 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com