Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 2 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 2 Page - Analog Devices

  ADE9178GTL+ Datasheet HTML 1Page - Analog Devices ADE9178GTL+ Datasheet HTML 2Page - Analog Devices ADE9178GTL+ Datasheet HTML 3Page - Analog Devices ADE9178GTL+ Datasheet HTML 4Page - Analog Devices ADE9178GTL+ Datasheet HTML 5Page - Analog Devices ADE9178GTL+ Datasheet HTML 6Page - Analog Devices ADE9178GTL+ Datasheet HTML 7Page - Analog Devices ADE9178GTL+ Datasheet HTML 8Page - Analog Devices ADE9178GTL+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
Data Sheet
ADE9178
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 122
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Typical Applications Circuit....................................3
Functional Block Diagram......................................4
Specifications........................................................ 5
System Specifications for ADE9178,
ADE9103, ADE9112, and ADE9113.................5
ADE9178 Specifications.....................................7
SPI Timing Parameters...................................... 8
Absolute Maximum Ratings...................................9
Thermal Resistance........................................... 9
ESD Caution.......................................................9
Pin Configurations and Function Descriptions.....10
Typical Performance Characteristics................... 12
Energy Linearity Over Supply and
Temperature................................................... 12
Energy Error Over Frequency and Power
Factor............................................................. 13
Energy Linearity Repeatability..........................14
RMS Linearity Over Temperature and RMS
Error Over Frequency.....................................15
CF vs. Energy Register Correlation and CF
Jitter................................................................18
Test Circuit...........................................................20
Terminology......................................................... 21
Theory of Operation.............................................22
ADC and Host SPI............................................22
Full-Scale Codes And Conversion Equations.. 31
ADE9178 Data Processing Flow...................... 35
Power and Energy Measurements................... 37
All Channel Measurements.............................. 42
Measurements Only for Voltage Channels.......46
Measurements Only for Current Channels.......47
PEN Fault Detection.........................................47
Waveform Streaming........................................48
Output Register Update Rates......................... 49
Interrupts and Status Outputs.......................... 50
Power Management......................................... 54
Applications Information...................................... 55
Calibration Method........................................... 55
Quick Start........................................................57
Layout Guidelines.............................................58
Silicon Anomaly................................................... 59
Functionality Issues..........................................59
Register Number Format..................................... 60
Register Summary: ADE9178............................. 62
Register Details: ADE9178..................................73
Outline Dimensions........................................... 122
Ordering Guide...............................................122
Evaluation Boards.......................................... 122
Licenses......................................................... 122
REVISION HISTORY
3/2025—Rev. 0 to Rev. A
Change to Features Section............................................................................................................................ 1
Change to General Description Section...........................................................................................................1
Change to Table 4............................................................................................................................................9
Changes to Table 6........................................................................................................................................10
Changes to Figure 29.................................................................................................................................... 20
Changes to Figure 30 and Figure 31............................................................................................................. 22
Changes to Hardware Reset Section.............................................................................................................54
Changes to Quick Start Section.....................................................................................................................57
7/2024—Revision 0: Initial
release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com