Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+ Datasheet(PDF) 7 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 3Page - Analog Devices ADE9178GTL+ Datasheet HTML 4Page - Analog Devices ADE9178GTL+ Datasheet HTML 5Page - Analog Devices ADE9178GTL+ Datasheet HTML 6Page - Analog Devices ADE9178GTL+ Datasheet HTML 7Page - Analog Devices ADE9178GTL+ Datasheet HTML 8Page - Analog Devices ADE9178GTL+ Datasheet HTML 9Page - Analog Devices ADE9178GTL+ Datasheet HTML 10Page - Analog Devices ADE9178GTL+ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Data Sheet
ADE9178
SPECIFICATIONS
analog.com
Rev. A | 7 of 122
ADE9178 SPECIFICATIONS
Table 2. ADE9178 Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
VDD
2.97
3.3
3.63
V
IDD Startup
55
mA
During POR, there is a spike in current
IDD Operating
13
mA
Typical IDD during normal operation
LOGIC INPUTS
ADC_MISO, HOST_MOSI, HOST_SCLK, HOST_CS,
ADC_DREADY, and RESET
Input High Voltage (VINH)
2.31
V
Input Low Voltage (VINL)
0.99
V
Internal Capacitance (CIN)
4
pF
LOGIC OUTPUTS
ADC_MOSI, ADC_SCLK, ADC_CS
Output High Voltage (VOH)
2.9
V
Source Current (ISOURCE)
8
mA
Output Low Voltage (VOL)
0.2
0.4
V
Sink Current (ISINK)
8
mA
LOGIC OUTPUTS
IRQ0, IRQ1, IRQ2, IRQ3, HOST_MISO, and CF1
Output High Voltage (VOH)
2.9
V
Source Current (ISOURCE)
12
mA
Output Low Voltage (VOL)
0.2
0.4
V
Sink Current (ISINK)
12
mA
LOGIC OUTPUTS
CF2, HOST_RDY, and HOST_ERR
Output High Voltage (VOH)
2.9
V
ISOURCE
20
mA
Output Low Voltage (VOL)
0.2
0.4
V
ISINK
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com