Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 11Page - Texas Instruments ADS5400IPZP Datasheet HTML 12Page - Texas Instruments ADS5400IPZP Datasheet HTML 13Page - Texas Instruments ADS5400IPZP Datasheet HTML 14Page - Texas Instruments ADS5400IPZP Datasheet HTML 15Page - Texas Instruments ADS5400IPZP Datasheet HTML 16Page - Texas Instruments ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
CLKINP
RESETP
CLKOUTAP
DATA BUSB
SYNCOUTB
(OVRBpins)
Sync
N
CLKOUT isresetafter 3.5 CLKINcycles (+ tPD-CLKDIV2 )
DATA BUS A
N+1
N+2
CLKOUTBP
LatencyofN+1 is 7.5 CLKINcycles
tPD-ADATA
N+1
tPD-CLKDIV2
tPD-BDATA
N+3
ThephaseofdatashownpriortoresetmatchesCLKOUT inphase 0
IfSYNCmodeisenabled,
theOVRBpinsbecomeSYNCOUTBpins
ThephaseofdatashownpriortoresetmatchesCLKOUT inphase 0
SampleNandRESET
pulsecapturedhere
LatencyofNandSYNCOUTBarematchedto 7.5 CLKINcycles
Phase 0: CLKOUT indesired
stateafterpowerup
Phase 1: misalignedby 1
clockafterpowerup
Phase 0: CLKOUT indesired
stateafterpowerup
Phase 1: misalignedby 1
clockafterpowerup
tRSU
N
output
N+1
output
tRH
tsu
th
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Propagation delays and setup/hold times not drawn to scale. RESET and SYNCOUT are optional. Any clock phase
will work properly, but makes synchronization of data capture across multiple ADCs difficult without a known CLKOUT
phase. RESET can be a single pulse (as shown), low-to-high step or repetitive pulse input signal. The frequency of
repetitive RESET pulses should not exceed CLKIN/2, and should be an even divisor of CLKIN, to keep the CLKOUT
phase the same with each RESET event. SYNCOUTB transitions with the same latency as the sample that is present
when the RESET pulse is captured, shown here as sample N. Each RESET captured generates a SYNCOUT pulse,
which behaves as a data bit.
Figure 3. Dual Bus Mode - Staggered, CLKOUT Divide By 2
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com