Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
CLK
ADS5400
CLK
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
ADS5400
AVDD5
Internal
Clock
Buffer
GND
GND
GND
AVDD5
~5.25nHBondWire
~5.25nHBondWire
~0.35pF
Package
~0.2pF
Bondpad
~0.35pF
Package
~0.2pF
Bondpad
400 W
AVDD5V/2
200 W
CLKINN
400 W
10 W
0.25pF
0.25pF
10 W
CLKINP
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Feature Description (continued)
Figure 28. Clock Input Circuit
Figure 29. Single-Ended Clock
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com