Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments ADS5400IPZP Datasheet HTML 10Page - Texas Instruments ADS5400IPZP Datasheet HTML 11Page - Texas Instruments ADS5400IPZP Datasheet HTML 12Page - Texas Instruments ADS5400IPZP Datasheet HTML 13Page - Texas Instruments ADS5400IPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Interleaving Adjustments (continued)
Typical values at TA = 25°C, Minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DNL
Differential linearity error
-4
-2, +1
4
LSB
INL
Integral Non-Linearity error
-8
-2, +4
8
LSB
Min Gain Setting
1.52
VPP
Max Gain Setting
2
VPP
INPUT CLOCK FINE PHASE ADJUSTMENT
Resolution
6
Bits
LSB magnitude
116
fs
DNL
Differential linearity error
-2
2.5
LSB
INL
Integral Non-Linearity error
-2.5
4
LBS
Max Fine Clock Skew setting
7.4
ps
INPUT CLOCK COARSE PHASE ADJUSTMENT
Resolution
5
Bits
LSB magnitude
2.4
ps
DNL
Differential linearity error
-1
1
LSB
INL
Integral Non-Linearity error
-1
5
LSB
Max Coarse Clock Skew
73
ps
setting
6.7 Timing Requirements
Typical values at TA = 25°C, Minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
(1).
MIN
NOM MAX
UNIT
ta
Aperture delay
250
ps
Uncertainty of sample point due to internal jitter
Aperture jitter, rms
125
fs
sources
Bus A, using Single Bus Mode
7
Bus A, using Dual Bus Mode Aligned
7.5
Latency
Cycles
Bus B, using Dual Bus Mode Aligned
8.5
Bus A and B, using Dual Bus Mode Staggered
7.5
LVDS OUTPUT TIMING (DATA, CLKOUT, OVR/SYNCOUT)(2)
tCLK
Clock period
1
10
ns
tCLKH
Clock pulse duration, high
Assuming worst case 45/55 duty cycle
0.45
ns
tCLKL
Clock pulse duration, low
Assuming worst case 55/45 duty cycle
0.45
ns
tPD-CLKDIV2
Clock propagation delay
CLKIN rising to CLKOUT rising in divide by 2 mode
700
1200 1700
ps
tPD-CLKDIV4
Clock propagation delay
CLKIN rising to CLKOUT rising in divide by 4 mode
700
1200 1700
ps
Bus A data propagation
tPD-ADATA
CLKIN falling to Data Output transition
700
1400 2100
ps
delay
Bus B data propagation
tPD-BDATA
CLKIN falling to Data Output transition
700
1400 2100
ps
delay
(tCLK/2) -
tSU-SBM
(3)
Setup time, single bus mode
Data valid to CLKOUT edge, 50% CLKIN duty cycle
290p
s
185p
(1)
Timing parameters are specified by design or characterization, but not production tested.
(2)
LVDS output timing measured with a differential 100-
Ω load placed ~4 inches from the ADS5400. Measured differential load capacitance
is 3.5 pF. Measurement probes and other parasitics add ~1 pF. Total approximate capacitive load is 4.5 pF differential. All timing
parameters are relative to the device pins, with the loading as stated.
(3)
In single bus mode at 1 GSPS (1-ns clock), the minimum output setup/hold times over process and temperature provide a minimum 700
ps of data valid window, with 300 ps of uncertainity.
10
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com