Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Device Functional Modes (continued)
In addition to CLKOUT alignment using RESET, a synchronization mode is provided in register 0x05. In this
mode, the OVR output becomes the SYNCOUT. The SYNCOUT will indicate which sample was present when
the RESET input pulse was captured in a HIGH state. The OVR indicator is not available when sync mode is
enabled. In single bus mode, only SYNCOUTA is used. In dual bus mode, only SYNCOUTB is used.
7.4.3 LVDS
Differential source loads of 100
Ω and 200Ω are provided internal to the ADS5400 and can be implemented using
register 0x06 (as well as no internal load). Normal LVDS operation expects 3.5 mA of current, but alternate
values of 2.5, 4.5, and 5.5 mA are provided to save power or improve the LVDS signal quality when the
environment provides excessive loading.
7.5 Programming
7.5.1 Serial Interface
The serial port of the ADS5400 is a flexible serial interface which communicates with industry standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of ADS5400. It is compatible with most synchronous transfer formats and can be configured as
a 3 or 4 pin interface in register 0x01h. In both configurations, SCLK is the serial interface input clock and
SDENB is serial interface enable. For 3 pin configuration, SDIO is a bidirectional pin for both data in and data
out. For 4 pin configuration, SDIO is data in only and SDO is data out only.
Each read/write operation is framed by signal SDENB (Serial Data Enable Bar) asserted low for 2 to 5 bytes,
depending on the data length to be transferred (1–4 bytes). The first frame byte is the instruction cycle which
identifies the following data transfer cycle as read or write, how many bytes to transfer, and what address to
transfer the data. Table 1 indicates the function of each bit in the instruction cycle and is followed by a detailed
description of each bit. Frame bytes 2 to 5 comprise the data transfer cycle.
Table 1. Instruction Byte of the Serial Interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
Description
R/W
N1
N0
A4
A3
A2
A1
A0
R/W
Identifies the following data transfer cycle as a read or write operation. A high indicates a read operation from ADS5400
and a low indicates a write operation to the ADS5400.
[N1:N0]
Identifies the number of data bytes to be transferred per Table 2. Data is transferred MSB first.
[A4:A0]
Identifies the address of the register to be accessed during the read or write operation. For multi-byte transfers, this
address is the starting address. Note that the address is written to the ADS5400 MSB first and counts down for each byte.
Table 2. Number of Transferred Bytes Within One
Communication Frame
N1
N0
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com