Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 35 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Table 9. Serial Register 0x05 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Stagger
0x05
Temp Sensor
Powerdown
reserved
Sync Mode
Data Format
Reference
0
Output
Defaults
0
0
1
0
0
0
0
0
BIT <0>
RESERVED
0
set to 0 if writing this register
1
do not set to 1
BIT <1>
Stagger Output Bus
0
Output bus A and B aligned
1
Output bus A and B staggered (see timing diagrams)
BIT <2>
Enable External Reference
0
Enable internal reference
1
Enable external reference
BIT <3>
Set Data Output Format
0
Enable offset binary
1
Enable two's complement
BIT <4>
Set Sync Mode
0
Disable data synchronization mode
1
Enable data synchronization mode
When enabled, the OVR pins are replaced with SYNC output signals. The SYNC
output signal is time-aligned with the output data matching the corresponding input
sample and RESET input pulse
BIT <5>
RESERVED
0
1
set to 1 if writing this register
BIT <6>
Powerdown
0
device active
1
device in low power mode (sleep mode)
BIT <7>
Temperature Sensor
0
temperature sensor inactive
1
temperature sensor active, independent of powerdown bit in Bit<6>, allows reading
of temp sensor while the rest of the ADC is in sleep mode
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com