Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 16Page - Texas Instruments ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
200
10
400
600
58
58
57
57
57
55
56
56
56
58
59
59
59
800
f
– InputFrequency – MHz
IN
SNR – dBFS
1000
1200
1400
1800
1600
2100
200
300
700
400
600
500
1000
52
54
58
56
59
60
M0048-30
2000
800
900
53
55
57
SFDR – dBc
200
10
400
600
60
60
60
55
55
55
65
65
65
70
70
70
75
75
75
800
f
– InputFrequency – MHz
IN
1000
1200
1400
1800
1600
2100
200
300
700
400
600
500
1000
50
60
70
80
M0049-30
2000
800
900
55
65
75
DVDD − Supply Voltage − V
70
72
74
76
78
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G012
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = 0°C
TA = 100°C
TA = −40°C
TA = 55°C
TA = 85°C
TA = −20°C
DVDD − Supply Voltage − V
57.0
57.5
58.0
58.5
59.0
59.5
60.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G013
TA = 55°C
TA = 85°C
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = 0°C
TA = 100°C
TA = −20°C
TA = −40°C
AVDD − Supply Voltage − V
70
72
74
76
78
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G010
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = 0°C
TA = 100°C
TA = −40°C
TA = 55°C
TA = 85°C
TA = −20°C
AVDD − Supply Voltage − V
56
57
58
59
60
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G011
TA = 55°C
TA = 100°C
TA = 85°C
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = −40°C
TA = −20°C
TA = 0°C
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
Figure 18. SFDR vs AVDD3 Across Temperature
Figure 19. SNR vs AVDD3 Across Temperature
Figure 20. SFDR vs DVDD3 Across Temperature
Figure 21. SNR vs DVDD3 Across Temperature
Figure 22. SNR vs Input Frequency and Sampling
Figure 23. SFDR vs Input Frequency and Sampling
Frequency
Frequency
20
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com