Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 4 Page - Texas Instruments

  ADS5400IPZP Datasheet HTML 1Page - Texas Instruments ADS5400IPZP Datasheet HTML 2Page - Texas Instruments ADS5400IPZP Datasheet HTML 3Page - Texas Instruments ADS5400IPZP Datasheet HTML 4Page - Texas Instruments ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
AVDD5
AVDD3
AGND
CLKINP
CLKINN
AGND
AGND
RESETN
RESETP
DVDD3
DGND
DA11P
DA11N
DA10P
DA10N
DA9P
DA9N
DA8P
DA8N
DA7P
DA7N
DGND
DVDD3
DA6P
DA6N
CLKOUTAP
CLKOUTAN
DA5P
DA5N
DA4P
DA4N
DA3P
DA3N
DA2P
DA2N
DGND
ThermalPad= AGND
AVDD3
AVDD3
ADS5400
(TOP VIEW)
DB11N
DB11P
DB10N
DB10P
DB9N
DB9P
DB8N
DB8P
DB7N
DB7P
DB6N
DB6P
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
5 Pin Configuration and Functions
PZP Package
100-Pin HTQFP With Exposed Thermal Pad
Top View
4
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com