Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 3Page - Texas Instruments ADS5400IPZP Datasheet HTML 4Page - Texas Instruments ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments ADS5400IPZP Datasheet HTML 10Page - Texas Instruments ADS5400IPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD5
4.75
5
5.25
V
Analog supply voltage, AVDD3
3.135
3.3
3.465
V
Digital supply voltage, DVDD3
3.135
3.3
3.465
V
ANALOG INPUT
Full-scale differential input range
1.52
2
VPP
VCM
Input common mode
AVDD5/2
V
DIGITAL OUTPUT
Differential output load
5
pF
CLOCK INPUT
CLK input sample rate (sine wave)
100
1000
MSPS
Clock amplitude, differential
0.6
1.5
VPP
Clock duty cycle
45%
50%
55%
TA
Open free-air temperature
–40
85
°C
6.4 Thermal Information
ADS5400
THERMAL METRIC(1)
PZP (HTQFP)
UNIT
100 PINS
RθJA
Junction-to-ambient thermal resistance
34.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
7.4
°C/W
RθJB
Junction-to-board thermal resistance
9.1
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 1.5 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input range
Programmable
1.52
2
VPP
VCM
Common-mode input
Self-biased to AVDD5 / 2
AVDD5/2
V
RIN
Input resistance, differential (DC)
85
100
115
Ω
Estimated to ground from each AIN pin,
CIN
Input capacitance
0.8
pF
excluding soldered package
CMRR
Common-mode rejection ratio
Common mode signal = 125 MHz
40
dB
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2
V
DYNAMIC ACCURACY
Resolution
No missing codes
12
Bits
DNL
Differential linearity error
fIN = 125 MHz
–1
±0.7
2
LSB
INL
Integral non- linearity error
fIN = 125 MHz
–4
±2
4.5
LSB
Offset error
default is trimmed near 0 mV
–2.5
0
2.5
mV
Offset temperature coefficient
0.02
mV /°C
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com