Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 54 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 54 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 50Page - Texas Instruments ADS5400IPZP Datasheet HTML 51Page - Texas Instruments ADS5400IPZP Datasheet HTML 52Page - Texas Instruments ADS5400IPZP Datasheet HTML 53Page - Texas Instruments ADS5400IPZP Datasheet HTML 54Page - Texas Instruments ADS5400IPZP Datasheet HTML 55Page - Texas Instruments ADS5400IPZP Datasheet HTML 56Page - Texas Instruments ADS5400IPZP Datasheet HTML 57Page - Texas Instruments ADS5400IPZP Datasheet HTML 58Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
www.ti.com
PACKAGE OUTLINE
C
100X
0.27
0.17
96X 0.5
PIN 1 ID
0.09-0.20
TYP
0.15
0.05
0 -7
0 MIN
4X 12
16.2
15.8
TYP
6.00
4.68
12X (0.4)
NOTE 4
6.00
4.68
B
14.2
13.8
A
14.2
13.8
0.75
0.45
0.25
GAGE PLANE
1.2 MAX
(1)
4X (0.26)
NOTE 4
12X
(0.2)
NOTE 4
PLASTIC QUAD FLATPACK
PowerPAD TQFP - 1.2 mm max height
PZP0100K
PLASTIC QUAD FLATPACK
4218999/A 12/2018
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026, variation ACD.
4. Strap features may not be present,
TM
PowerPAD is a trademark of Texas Instruments.
1
25
26
50
51
75
76
100
0.08
C A B
SEE DETAIL A
SEATING PLANE
DETAIL A
SCALE: 12
DETAIL A
TYPICAL
SCALE 1.000
EXPOSED
THERMAL PAD
1
25
26
50
51
75
76
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com