Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 37 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Table 11. Serial Register 0x08 (Read only)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x08
Die temperature bits<7:0>
Defaults
depends on reading from temperature sensor
BIT <7:0>
Die temperature readout
if enabled in register 0x05. To obtain the die temperature in Celsius, convert the 8-
bit word to decimal and subtract 78.
<7:0> = 0x00 = 00000000, measured temperature is 0 – 78 = –78°C
<7:0> = 0x73 = 01110011, measured temperature is 115 – 78 = 37°C
<7:0> = 0xAF, measured temperature is 175 – 78 = 97°C
Table 12. Serial Register 0x09 (Read only)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x09
000 0000
Memory error
Defaults
000 0000
0
BIT <7:1>
RESERVED
set to 0 if writing this register
do not set to 1
BIT <0>
Memory Error Indicator
Registers 0x00 through 0x07 have multiple redundancy. If any copy disagrees with
the others, an error is flagged in this bit. This is for systems that require the highest
level of assurance that the device remains programmed in the proper state and
indication of an error if something changes unexpectedly.
Table 13. Serial Register 0x0A (Read only)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x0A
0000 0000
Defaults
0000 0000
BIT <7:0>
RESERVED
set to 0 if writing this register
do not set to 1
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com