Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Table 10. Serial Register 0x06 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x06
Data output mode
LVDS termination
LVDS current
Force LVDS outputs
Defaults
0
0
0
0
0
1
0
0
BIT <0:1>
Force LVDS outputs
00 and
normal operating mode (LVDS is outputting sampled data bits)
01
10
forces the LVDS outputs to all logic zeros (data and clock out) - for level check
11
forces the LVDS outputs to all logic ones (data and clock out) - for level check
BIT <3:2>
Set LVDS output current
00
2.5 mA
01
3.5 mA (default)
10
4.5 mA
11
5.5 mA
BIT <5:4>
Set Internal LVDS termination differential resistor (for LVDS outputs only)
00 and
no internal termination
01
10
internal 200-
Ω resistor selected
11
internal 100-
Ω resistor selected
BIT <7:6>
Control Data Output Mode
00
normal mode (LVDS is outputting sampled data bits)
01
scrambled output mode (D11:D1 is XOR'd with D0)
10
output data is replaced with PRBS test pattern (7-bit sequence)
11
output data is replaced with toggling test pattern (all 1s, then all 0s, then all 1s, and
so on for all bits)
36
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com