Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
CLK
ADS5400
CLK
0.1
F
m
Clock
Source
Clock Amplitude − VP−P
40
45
50
55
60
65
70
75
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
fS = 1 GSPS
fIN = 1498.5 MHz
G014
fIN = 601.13 MHz
fIN = 10.05 MHz
fIN = 100.33 MHz
fIN = 801.13 MHz
Clock Amplitude − VP−P
40
45
50
55
60
65
0.0
0.2
0.4
0.6
0.8
1.0
1.2
G015
fS = 1 GSPS
fIN = 1498.5 MHz
fIN = 601.13 MHz
fIN = 801.13 MHz
fIN = 10.05 MHz
fIN = 100.33 MHz
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
Figure 30. ADS5400 SFDR vs Differential Clock Level
Figure 31. ADS5400 SNR vs Differential Clock Level
The characterization of the ADS5400 is typically performed with a 1.5 VPP differential clock, but the ADC
performs well with a differential clock amplitude down to ~400 mVPP (200 mV swing on both CLK and CLK), as
shown in Figure 30 and Figure 31. For jitter-sensitive applications, the use of a differential clock has some
advantages at the system level and is strongly recommended. The differential clock allows for common-mode
noise rejection at the printed circuit board (PCB) level. With a differential clock, the signal-to-noise ratio of the
ADC is better for jitter-sensitive, high-frequency applications because the board level clock jitter is superior.
Larger clock amplitude levels are recommended for high analog input frequencies or slow clock frequencies. At
high analog input frequencies, the sampling process is sensitive to jitter. At slow clock frequencies, a small
amplitude sinusoidal clock has a lower slew rate and can create jitter-related SNR degradation due to the
uncertainty in the sampling point associated with a slow slew rate. Figure 32 demonstrates a recommended
method for converting a single-ended clock source into a differential clock; it is similar to the configuration found
on the evaluation board and was used for much of the characterization. See also Clocking High Speed Data
Converters (SLYT075) for more details.
Figure 32. Differential Clock
The common-mode voltage of the clock inputs is set internally to 2.5 V using internal 400
Ω resistors (see
Figure 28). It is recommended to use ac coupling in the clock path, but if this scheme is not possible, the
ADS5400 features good tolerance to clock common-mode variation, as shown in Figure 33 and Figure 34. The
internal ADC core uses both edges of the clock for the conversion process. Ideally, a 50% duty-cycle clock signal
should be provided.
26
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com