Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 44 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments ADS5400IPZP Datasheet HTML 42Page - Texas Instruments ADS5400IPZP Datasheet HTML 43Page - Texas Instruments ADS5400IPZP Datasheet HTML 44Page - Texas Instruments ADS5400IPZP Datasheet HTML 45Page - Texas Instruments ADS5400IPZP Datasheet HTML 46Page - Texas Instruments ADS5400IPZP Datasheet HTML 47Page - Texas Instruments ADS5400IPZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Clock
Input
Ground Fill
Ground Fill
Digital
Output
Analog
Input
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
10 Layout
10.1 Layout Guidelines
The evaluation board provides a guideline of how to lay out the board to obtain the maximum performance from
the ADS5400. General design rules, such as the use of multilayer boards, single ground plane for ADC ground
connections, and local decoupling ceramic chip capacitors, should be applied. The input traces should be
isolated from any external source of interference or noise, including the digital outputs as well as the clock
traces. The clock signal traces should also be isolated from other signals, especially in applications where low
jitter is required like high IF sampling. Besides performance-oriented rules, care must be taken when considering
the heat dissipation of the device. The thermal heat sink should be soldered to the board as described in the
PowerPAD™ Package section.
Figure 41 is a section of the layout of the ADS5400 that illustrates good layout practices for the clocking, analog
input, and digital outputs. In this example, the analog input enters from the top left while the clocking enters from
the left center, keeping the clock signal away from the analog signals so as to not allow coupling between the
analog signal and the clock signal. One thing to notice on the layout of the differential traces is the symmetry of
the trace routing between the two sides of the differential signals.
The digital outputs are routed off to the right, so as to keep the digital signals away from the analog inputs and
away from the clock. Notice the circuitous routing added to some of the LVDS differential traces but not to others;
this is the equalize the lengths of the routing across all of the LVDS traces so as to preserve the setup/hold
timing at the end of the digital signal routings. If the timing closure in the receiving device (such as an FPGA or
ASIC) has enough timing margin, then the circuitous routing to equalize trace lengths may not be necessary.
10.2 Layout Example
Figure 41. Typical Layout of AS5400
44
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com