Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
7.3.9 Die Temperature Sensor
In register 0x05, the die temperature sensor can be enabled. The sensor is power controlled independently of
global powerdown, so that it and the SPI can be used to monitor the die temperature even when the remainder
of the ADC is in sleep mode. Register 0x08 is used to read values which can be mapped to the die temperature.
The exact mapping is detailed in the register map. Care should be taken not to exceed a maximum die
temperature of 150°C for prolonged periods of time to maintain the life of the device.
7.3.10 Interleaving
7.3.10.1 Gain Adjustment
A signal gain adjustment is available in registers 0x00 and 0x01. The allowable fullscale range for the ADC is
1.52 - 2VPP and can be set with 12-bit adjustment resolution across this range. For equal up/down gain
adjustment of the system and ADC gain mismatches, a nominal starting point of 1.75VPP could be programmed,
in which case ±250 mV of adjustment range would be provided.
7.3.10.2 Offset Adjustment
Analog offset adjustment is available in register 0x03 and 0x04. This provides ±30 mV of adjustment range with
9-bit adjustment resolution of 120uV per step. At production test, the default code for this register setting is set to
a value that provides 0 mV of ADC offset. For optimum spectral performance, it is not recommended to use more
than ±8mV adjustment from the default setting
7.3.10.3 Input Clock Coarse Phase Adjustment
Coarse adjustment is available in register 0x02. The typical range is approximately 73 ps with a resolution of
2.4ps.
7.3.10.4 Input Clock Fine Phase Adjustment
Fine adjustment is available in register 0x03. The typical range is approximately 7.4 ps with a resolution of 116fs.
7.4 Device Functional Modes
7.4.1 Output Bus and Clock Options
The ADS5400 has two buses, A and B. Using register 0x02, a single or dual bus output can be selected. In
single-bus mode, bus A is used at the full clock rate, while in two-bus mode, data is multiplexed at half the clock
rate on A and B. While in single bus mode, CLKOUTA will be at frequency CLKIN/2 and a DDR interface is
achieved. In two-bus mode, CLKOUTA/CLKOUTB can be either at frequency CLKIN/2 or CLKIN/4, providing
options for an SDR or DDR interface. The ADC provides 12 LVDS-compatible data outputs (D11 to D0; D11 is
the MSB and D0 is the LSB), a data-ready signal (CLKOUT), and an over-range indicator (OVR) on each bus. It
is recommended to use the CLKOUT signal to capture the output data of the ADS5400. Both two's complement
and offset binary are available output formats, in register 0x05.
The capacitive loading on the digital outputs should be minimized. Higher capacitance shortens the data-valid
timing window. The values given for timing were obtained with an estimated 3.5-pF of differential parasitic board
capacitance on each LVDS pair.
7.4.2 Reset and Synchronization
Referencing the timing diagrams starting in Figure 1, the polarity of CLKOUT with respect to the sample N data
output transition is undetermined because of the unknown startup logic level of the clock divider that generates
the CLKOUT signal, whether in frequency CLKIN/2 or CLKIN/4 mode. The polarity of CLKOUT could invert when
power is cycled off/on. If a defined CLKOUT polarity is required, the RESET input pins are used to reset the
clock divider to a known state after power on with a reset pulse. A RESET is not commonly required when using
only one ADS5400 because a one sample uncertainty at startup is not usually a problem.
NOTE: initial samples capture RESET = HIGH on the rising edge of CLKINP. This is being corrected for final
samples and will reflect the diagram as drawn, with RESET = HIGH captured on falling edge of CLKINP.
28
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com