Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
SDENB
SCLK
SDIO
SDO
SDENB
SCLK
SDIO
SDO
InstructionCycle
DataTransferCycle(s)
r/w
N1
N0
-
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
D7
D6
D5
D4
D3
D2
D1
D0
0
3pinConfigurationOutput
4pinConfigurationOutput
Datan
Datan-1
t (Data)
d
InstructionCycle
DataTransferCycle(s)
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
r/w
N1
N0
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
t (SDENB)
S
tSCLK
t (SDIO)
S
t (SDIO)
h
tSCLKH
tSCLKL
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Figure 35 shows the serial interface timing diagram for a ADS5400 write operation. SCLK is the serial interface
clock input to ADS5400. Serial data enable SDENB is an active low input to ADS5400. SDIO is serial data in.
Input data to ADS5400 is clocked on the rising edges of SCLK.
Figure 35. Serial Interface Write Timing Diagram
Figure 36 shows the serial interface timing diagram for a ADS5400 read operation. SCLK is the serial interface
clock input to ADS5400. Serial data enable SDENB is an active low input to ADS5400. SDIO is serial data in
during the instruction cycle. In 3 pin configuration, SDIO is data out from ADS5400 during the data transfer
cycle(s), while SDO is in a high-impedance state. In 4 pin configuration, SDO is data out from ADS5400 during
the data transfer cycle(s). At the end of the data transfer, SDO will output low on the final falling edge of SCLK
until the rising edge of SDENB when it will 3-state.
Figure 36. Serial Interface Read Timing Diagram
30
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com