Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 56 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 50Page - Texas Instruments ADS5400IPZP Datasheet HTML 51Page - Texas Instruments ADS5400IPZP Datasheet HTML 52Page - Texas Instruments ADS5400IPZP Datasheet HTML 53Page - Texas Instruments ADS5400IPZP Datasheet HTML 54Page - Texas Instruments ADS5400IPZP Datasheet HTML 55Page - Texas Instruments ADS5400IPZP Datasheet HTML 56Page - Texas Instruments ADS5400IPZP Datasheet HTML 57Page - Texas Instruments ADS5400IPZP Datasheet HTML 58Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(6)
BASED ON
0.125 THICK
STENCIL
(15.4)
96X (0.5)
100X (1.5)
100X (0.3)
(15.4)
(6)
BASED ON
0.125 THICK STENCIL
5.07 X 5.07
0.175
5.48 X 5.48
0.150
6 X 6 (SHOWN)
0.125
6.71 X 6.71
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
PowerPAD TQFP - 1.2 mm max height
PZP0100K
PLASTIC QUAD FLATPACK
4218999/A 12/2018
NOTES: (continued)
9. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
10. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:5X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
SYMM
SYMM
100
76
26
50
51
75
1
25
BY SOLDER MASK
METAL COVERED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com