Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 41 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments ADS5400IPZP Datasheet HTML 42Page - Texas Instruments ADS5400IPZP Datasheet HTML 43Page - Texas Instruments ADS5400IPZP Datasheet HTML 44Page - Texas Instruments ADS5400IPZP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
2
O
O
Amp Filter
2
FILTEROUT
FILTEROUT
V
V
SNR
10 log
20 log
E
E
+
æ
ö
æ
ö
=
´
=
´
ç
÷
ç
÷
ç
÷
è
ø
è
ø
Amp Filter
ADC
2
2
SNR
SNR
20
20
System
SNR
20 log
10
10
+
-
-
æ
ö
æ
ö
ç
÷
ç
÷
= -
×
+
ç
÷
ç
÷
è
ø
è
ø
(
) (
)
2
2
Jitter
Jitter,Ext .Clock_Input
Aperture _ ADC
T
T
T
=
+
[
]
(
)
Jitter
IN
Jitter
SNR
dBc
20 log 2
f
t
= -
´
p ´
´
Quantization _ Noise
Thermal _ Noise
Jitter
2
2
2
SNR
SNR
SNR
20
20
20
ADC
SNR
[dBc]
20
Log
10
10
10
æ
ö
æ
ö
æ
ö
ç
÷
ç
÷
ç
÷
= -
´
+
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Typical Application (continued)
(2)
The SNR limitation due to sample clock jitter can be calculated by Equation 3.
(3)
It is important to note that the clock jitter in Equation 3 is the total amount of clock jitter, whether the jitter source
is internal to the ADC itself or external due to the clocking source. The total clock jitter (TJitter) has two
components – the internal aperture jitter (125 fs for ADS5400) which is set by the noise of the clock input buffer,
and the external clock jitter from the clocking source and all associated buffering of the clock signal. Total clock
jitter can be calculated from the aperture jitter and the external clock jitter as in Equation 4.
(4)
External clock jitter can be minimized by using high quality clock sources and jitter cleaners as well as bandpass
filters at the clock input while a faster clock slew rate may at times also improve the ADC aperture jitter slightly.
The ADS5400 has an internal aperture jitter of 125 fs, which is largely fixed. The SNR depending on amount of
external jitter for different input frequencies is shown in Figure 39. Often the design requirements will list a target
SNR for a system, and Equation 2 through Equation 4 are then used to calculate the external clock jitter needed
from the clocking solution to meet the system objectives.
Figure 39 shows that with an external clock jitter of 200 fs rms, the expected SNR of the ADS5400 would be
greater than 58 dBFS at an input tone of 400 MHz, which is the assumed bandwidth for this design example.
Having less external clock jitter such as 150 fs rms or even 100 fs rms would result in an SNR that would exceed
our design target, but at possibly the expense of a more costly clocking solution. Having external clock jitter of
much greater than 200 fs rms or more would fail to meet our design target.
8.2.2.2 Amplifier Selection
The amplifier and any input filtering will have its own SNR performance, and the SNR performance of the
amplifier front end will combine with the SNR of the ADC itself to yield a system SNR that is less than that of the
ADC itself. System SNR can be calculated from the SNR of the amplifier conditioning circuit and the overall ADC
SNR as in Equation 5. In Equation 5, the SNR of the ADC would be the value derived from the datasheet
specifications and the clocking derivation presented in the previous section.
(5)
The signal-to-noise ratio (SNR) of the amplifier and filter can be calculated from the noise specifications in the
datasheet for the amplifier, the amplitude of the signal and the bandwidth of the filter. The noise from the
amplifier is band-limited by the filter and the rolloff of the filter will depend on the order of the filter, so it is
convenient to replace the filter rolloff with an equivalent brick-wall filter bandwidth. For example, a 1st order filter
may be approximated by a brick-wall filter with bandwidth of 1.57 times the bandwidth of the 1st order filter. We
will assume a 1st order filter for this design. The amplifier and filter noise can be calculated using Equation 6.
where
•
VO= the amplifier output signal (which will be full scale input of the ADC expressed in rms)
•
EFILTEROUT = ENAMPOUT × √ENB
–
ENAMPOUT = the output noise density of the LMH3401 (3.4 nV/√Hz)
–
ENB = the brick-wall equivalent noise bandwidth of the filter
(6)
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com