Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
R
50
0
W
Z
50
0
W
ADS5400
AIN
AIN
R
100 W
ACSignal
Source
1:1
Bipolar
Transistor
Buffer
AINP
AVDD5
AINN
AGND
ADS5400
AGND
AGND
Analog
Inputs
Bipolar
Transistor
Buffer
~0.3pF
Package
~0.2pF
Bondpad
~5.25nHBondWire
AVDD5
~0.3pF
Package
~0.2pF
Bondpad
Sampleand
Hold
1 Stage
OfPipeline
st
~5.25nHBondWire
2.5V
500 W
112 W
0.3pF
500 W
0.3pF
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Feature Description (continued)
Figure 25. Analog Input Equivalent Circuit
For a full-scale differential input, each of the differential lines of the input signal swing symmetrically between 2.5
V + 0.5 V and 2.5 V – 0.5 V. This means that each input has a maximum signal swing of 1 VPP for a total
differential input signal swing of 2 VPP. The maximum fullscale range can be programmed from 1.5 to 2 VPP using
the SPI. The maximum swing is determined by the internal reference voltage generator and the fullscale range
set using the SPI, eliminating the need for any external circuitry for this purpose. The analog gain adjustment has
a resolution of 12-bits across the 1.5-2VPP range, providing for fine calibration of analog gain mismatches across
multiple ADS5400 signal chains, primarily for interleaving.
The ADS5400 obtains optimum performance when the analog inputs are driven differentially. The circuit in
Figure 26 shows one possible configuration using an RF transformer. Datasheet performance, especially at > 1-
GHz input frequency, can only be obtained with a carefully designed differential drive path to the ADC.
Figure 26. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
7.3.2 Voltage Reference
The 2 V voltage reference is provided internal to the ADS5400. A VCM (voltage common mode) pin is provided
as an output for use in DC-coupled applications, equal to the AVDD5 supply divided by 2. This provides the
analog input common mode voltage to a driving circuit so that the common mode is setup properly. Some
systems may prefer the use of an external voltage reference. This mode can be enabled by pulling the
ENEXTREF pin high. In this mode, an external reference can be driven onto the VREF pin, which is normally
expecting 2 V.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com