Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 27 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Clock Common Mode − V
40
45
50
55
60
65
70
75
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G016
fS = 1 GSPS
fIN = 1498.5 MHz
fIN = 601.13 MHz
fIN = 100.33 MHz
fIN = 901.13 MHz
Clock Common Mode − V
40
45
50
55
60
65
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G017
fS = 1 GSPS
fIN = 1498.5 MHz
fIN = 901.13 MHz
fIN = 100.33 MHz
fIN = 601.13 MHz
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Figure 33. ADS5400 SFDR vs Clock Common Mode
Figure 34. ADS5400 SNR vs Clock Common Mode
7.3.5 Over Range
The OVR output equals a logic high when the 12-bit output word attempts to exceed either all 0s or all 1s. This
flag is provided as an indicator that the analog input signal exceeded the full-scale input limit set in register 0x00
and 0x01 (± gain error). The OVR indicator is provided for systems that use gain control to keep the analog input
signal within acceptable limits. The OVR pins are not available when the sychronization mode is enabled, as they
become the SYNCOUT indicator.
7.3.6 Data Scramble
In normal operation, with this mode disabled, the MSBs have similar energy to the analog input fundamental
frequency and can in some instances cause board interference. A data scramble mode is available in register
0x06. In this mode, bits 11-1 are XOR'd with bit 0 (the LSB). Because of the random nature of the LSB, this has
the effect of randomizing the data pattern. To de-scramble, perform the opposite operation in the digital chip after
receiving the scrambled data.
7.3.7 Test Patterns
Determining the closure of timing or validating the digital interface can be difficult in normal operation. Therefore,
test patterns are available in register 0x06. One pattern toggles the outputs between all 1s and all 0s. Another
pattern generates a 7-bit PRBS (pseudo-random bit sequence).
In dual bus mode, the toggle mode could be in the same phase on bus A and B (bus A and B outputting 1s or 0s
together), or could be out of phase (bus A outputting 1s while bus B outputs 0s). The start phase cannot be
controlled.
The PRBS output sequence is a standard 27-1 pseudo-random sequence generated by a feedback shift register
where the two last bits of the shift register are exclusive-OR’ed and fed back to the first bit of the shift register.
The standard notation for the polynomial is x7 + x6 + 1. The PRBS generator is not reset, so there is no initial
position in the sequence. The pattern may start at any position in the repeating 127-bit long pattern and the
pattern repeats as long as the PRBS mode is enabled. The data pattern from the PRBS generator is used for all
of the LVDS parallel outputs, so when the pattern is ‘1’ then all of the LVDS outputs are outputting ‘1’ and when
the pattern is 0 then all of the LVDS drivers output 0. To determine if the digital interface is operating properly
with the PRBS sequence, the user must generate the same sequence in the receiving device, and do a shift-and-
compare until a matching sequence is confirmed.
7.3.8 Die Identification and Revision
A unique 64-bit die indentifier code can be read from registers 0x17 through 0x1E. An 8-bit die revision code is
available in register 0x1F.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com