Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 55 Page - Texas Instruments

Part # ADS5400IPZP
Description  ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 50Page - Texas Instruments ADS5400IPZP Datasheet HTML 51Page - Texas Instruments ADS5400IPZP Datasheet HTML 52Page - Texas Instruments ADS5400IPZP Datasheet HTML 53Page - Texas Instruments ADS5400IPZP Datasheet HTML 54Page - Texas Instruments ADS5400IPZP Datasheet HTML 55Page - Texas Instruments ADS5400IPZP Datasheet HTML 56Page - Texas Instruments ADS5400IPZP Datasheet HTML 57Page - Texas Instruments ADS5400IPZP Datasheet HTML 58Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
100X (1.5)
100X (0.3)
(1.35)
TYP
(1.35) TYP
(15.4)
(15.4)
(
0.2) TYP
VIA
96X (0.5)
(6)
(6)
(
12) NOTE 8
PowerPAD TQFP - 1.2 mm max height
PZP0100K
PLASTIC QUAD FLATPACK
4218999/A 12/2018
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
7. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
8. Size of metal pad may vary due to creepage requirement.
TM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:5X
SYMM
SYMM
100
76
26
50
51
75
1
25
SOLDER MASK
DEFINED PAD
SEE DETAILS
METAL COVERED
BY SOLDER MASK
SOLDER MASK
OPENING
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED
METAL
SOLDER MASK
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com