Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 41Page - STMicroelectronics L9800 Datasheet HTML 42Page - STMicroelectronics L9800 Datasheet HTML 43Page - STMicroelectronics L9800 Datasheet HTML 44Page - STMicroelectronics L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics L9800 Datasheet HTML 47Page - STMicroelectronics L9800 Datasheet HTML 48Page - STMicroelectronics L9800 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
source
Description
PWM_DIV_GEN
RW
0
2
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Clock division factor for PWM GEN generator PWM
frequency:
00 (default): PWM_FRQ = 122 Hz
01: PWM_FRQ = 244 Hz
10: PWM_FRQ = 488 Hz
11: PWM_FRQ = 976 Hz
BIM, 0x04
OUTn
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Driver bulb inrush mode for n = 0 to 7:
0 (default): output latches OFF in case of overcurrent or
overtemperature
1: output restarts automatically in case of overcurrent or
overtemperature
BIM.OUTn bits are set back to “0” at the end of BIM
time(tBIM)
RESERVED_1, 0x05
UNUSED
RO
0
8
0x00
X
PWM_SPI, 0x06
OUTn
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Power output control register for n = 0 to 7:
0 (default): output is OFF
1: Output is ON
MAP_IN0, 0x07
OUTn
RW
0
8
0x04
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
0: OUTn not driven by IN0
1: OUTn driver by IN0
(by default OUT2 connected to IN0)
MAP_IN1, 0x08
OUTn
RW
0
8
0x08
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
0: OUTn not driven by IN1
1: OUTn driver by IN1
(by default OUT3 connected to IN1)
MAP_PWM, 0x09
OUTn
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
0 (default): OUTn not driven by PWM generators
1: OUTn driven by PWM generators
PWM_SEL, 0x0A
OUTn
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
0 (default): OUTn driven by PWM_GEN
1: OUTn driven by PWM_LED
PWM_GEN_DC, 0x0B
DUTY_CYCLE
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
PWM_GEN duty cycle setting:
b00000000: PWM generator is OFF
b11111111: PWM generator is ON (100% duty cycle)
PWM_LED_DC, 0x0C
DUTY_CYCLE
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
PWM_LED duty cycle setting:
b00000000: PWM generator is OFF
b11111111: PWM generator is ON (100% duty cycle)
L9800
Serial peripheral interface (SPI)
DS14041 - Rev 2
page 45/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com