Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 2 Page - STMicroelectronics

  L9800 Datasheet HTML 1Page - STMicroelectronics L9800 Datasheet HTML 2Page - STMicroelectronics L9800 Datasheet HTML 3Page - STMicroelectronics L9800 Datasheet HTML 4Page - STMicroelectronics L9800 Datasheet HTML 5Page - STMicroelectronics L9800 Datasheet HTML 6Page - STMicroelectronics L9800 Datasheet HTML 7Page - STMicroelectronics L9800 Datasheet HTML 8Page - STMicroelectronics L9800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
•
Diagnostic features
–
Latched diagnostic information via SPI register
–
Overcurrent and overtemperature detection at on state
–
Off state diagnosis, able to detect and distinguish open load and short to GND conditions
Applications
•
Low-side switches for 12 V in automotive or industrial applications such as lighting, heating, motor driving,
energy and power distribution
•
Especially designed for driving relays, LEDs and motors
Description
The L9800 is an 8-channel LS driver designed for automotive applications (LEDs and relays) and compatible with
resistive, inductive and capacitive loads. The device offers advanced diagnostic and protection functionalities
such as open load, overcurrent and overtemperature detections, short to GND. The eight output channels can be
driven by SPI or by dedicated parallel inputs. Limp-home functionality is present. Daisy chain available (no
constraint on SPI number of bits of devices in chain). The device is able to guarantee cranking scenario down to
VBATT = 3 V and ensures very low-quiescent current under RESET.
The device is an 8-channel low-side power switch in a TFQFN24 4x4x0.9 package. It is specially designed to
control relays and LEDs in automotive and industrial applications.
A serial peripheral interface (SPI) is used for control and diagnosis of the loads as well as of the device. For direct
control and PWM there are two input pins (IN0 and IN1) available, connected to two outputs by default (OUT2 and
OUT3). Additional or different outputs can be controlled by the same input pins if programmed by SPI.
L9800
DS14041 - Rev 2
page 2/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com