Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 26Page - STMicroelectronics L9800 Datasheet HTML 27Page - STMicroelectronics L9800 Datasheet HTML 28Page - STMicroelectronics L9800 Datasheet HTML 29Page - STMicroelectronics L9800 Datasheet HTML 30Page - STMicroelectronics L9800 Datasheet HTML 31Page - STMicroelectronics L9800 Datasheet HTML 32Page - STMicroelectronics L9800 Datasheet HTML 33Page - STMicroelectronics L9800 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
7.3
PWM generator
The device has two independent PWM generators, which are defined as “PWM GEN” and “PWM LED” below.
The two PWM generators can be associated to one or more channels. It is possible to configure it with various
frequencies and duty cycle. For both refer to the same base frequency fINT (8 MHz typ.) even if two separate pre-
scalers can be defined.
7.3.1
Automatic PWM generator
The device has one independent automatic PWM generator that can be assigned to one or more channels and
can be programmed with different duty cycle and frequency. The PWM frequency is obtained by dividing the
internal clock base frequency fINT and can be set using CFG_1.PWM_DIV_GEN bits and adjusted through
CFG_2.FR_ADJ bits as described in the Table 12.
Table 12. Coefficient overview
CFG_2.FR_ADJ
Absolute delta to fINT divider
00B
0%
01B
-13%
10B
+18%
11B
0%
To configure the PWM generator, the user can set the following parameters:
1. Duty cycle (bits PWM_GEN_DC.DUTY_CYCLE)
8 bits are available to achieve 0.39% duty cycle resolution.
When the microcontroller programs a new duty cycle, the PWM generator waits until the previous cycle is
completed before using the new duty cycle (this happens also when the duty cycle is 100%) - the new duty
cycle is taken with the next PWM cycle, while the new duty cycle is immediately taken if the previous DC was
0%)
The maximum duty cycle achievable is 100% (PWM_GEN_DC.DUTY_CYCLE set to “11111111B”).
2. Frequency (bits CFG_1.PWM_DIV_GEN)
Using 2 bits it is possible to select the divider for fINT to achieve the needed duty cycle:
–
00B = PWM frequency is 122.5 Hz
–
01B = PWM frequency is 245.1 Hz
–
10B = PWM frequency is 490.2 Hz
–
11B = PWM frequency is 980.4 Hz
3. Mapping registers (PWM_SEL and PWM_MAP)
To correctly use the PWM generator:
•
Configure the channel output control and mapping register (PWM_SEL and PWM_MAP).
•
Write the duty cycle control register (PWM_GEN_DC) to enable the PWM generation.
L9800
Power stages
DS14041 - Rev 2
page 30/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com