Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 42Page - STMicroelectronics L9800 Datasheet HTML 43Page - STMicroelectronics L9800 Datasheet HTML 44Page - STMicroelectronics L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics L9800 Datasheet HTML 47Page - STMicroelectronics L9800 Datasheet HTML 48Page - STMicroelectronics L9800 Datasheet HTML 49Page - STMicroelectronics L9800 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
source
Description
DIAG_OFF_EN, 0x0D
OUTn
RW
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Activation of driver load diagnosis in off state for n = 0 to
7:
0 (default): diagnosis not active
1: diagnosis active, DIAG_OFF_EN.OUTn bits are set
back to ”0” at the end of the diagnosis cycle
RESERVED_2, 0x0E
UNUSED
RO
0
8
0x00
X
DIAG_OVC_OVT_RLW, 0x0F
OUTn
WO
0
8
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Clear on write for overcurrent and overtemperature error
for n = 0 to 7:
0 (default): not active
1: active
STA_0, 0x010
NU
RO
7
1
0x00
X
DIS
RO
6
1
0x00
NPOR
Status of DIS input (if properly configured)
NRES_N
RO
5
1
0x00
NPOR
Status of NRES input (if properly configured)
IDLE
RO
4
1
0x00
NPOR
Status of IDLE input
IN1
RO
3
1
0x00
NPOR
Status of IN1 input
IN0
RO
2
1
0x00
NPOR
Status of IN0 input
OUT_ON_ERR
RLR
1
1
0x00
NPOR
0: normal load
1: overcurrent or overtemperature detected
OUT_OFF_ERR
RLR
0
1
0x00
NPOR
0: normal load
1: open load in off state or short load detected
STA_1, 0x11
NU
RO
5
3
0x00
X
POR
RLR
4
1
0x01
NPOR
0: NPOR condition not detected
1: NPOR condition detected
VDDIO_UV
RLR
3
1
0x00
NPOR
0: battery undervoltage not detected
1: battery undervoltage detected
VBATT_UV
RLR
2
1
0x00
NPOR
0: battery undervoltage not detected
1: battery undervoltage detected
MODE
RO
0
2
0x00
NPOR
Status of operating mode:
00: Sleep mode
01: Limp-home mode
10: Idle mode
11: Active mode
DIAG_OVC_OVT, 0x12
OUTn
RLW
0
8
0x00
NPOR
Driver overcurrent or overtemperature detection n = 0 to
7:
0 (default): normal load
1: overcurrent or overtemperature detected
L9800
Serial peripheral interface (SPI)
DS14041 - Rev 2
page 46/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com